Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8027ART-R2 Datasheet(PDF) 23 Page - Analog Devices

Part # AD8027ART-R2
Description  Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8027ART-R2 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8027ART-R2 Datasheet HTML 17Page - Analog Devices AD8027ART-R2 Datasheet HTML 18Page - Analog Devices AD8027ART-R2 Datasheet HTML 19Page - Analog Devices AD8027ART-R2 Datasheet HTML 20Page - Analog Devices AD8027ART-R2 Datasheet HTML 21Page - Analog Devices AD8027ART-R2 Datasheet HTML 22Page - Analog Devices AD8027ART-R2 Datasheet HTML 23Page - Analog Devices AD8027ART-R2 Datasheet HTML 24Page - Analog Devices AD8027ART-R2 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
AD8027/AD8028
Rev. C | Page 22 of 24
BAND-PASS FILTER
In communication systems, active filters are used extensively in
signal processing. The AD8027/AD8028 are excellent choices
for active filter applications. In realizing this filter, it is impor-
tant that the amplifier have a large signal bandwidth of at least
10× the center frequency, fO. Otherwise, a phase shift can occur
in the amplifier, causing instability and oscillations.
In Figure 62, the AD8027/AD8028 part is configured as a
1 MHz band-pass filter. The target specifications are fO = 1 MHz
and a −3 dB pass band of 500 kHz. To start the design, select fO,
Q, C1, and R4. Then use the following equations to calculate the
remaining variables:
(MHz)
(MHz)
Pass
Band
f
Q
O
=
k = 2πfOC1
C2 = 0.5C1
R1 = 2/k, R2 = 2/(3k), R3 = 4/k
H = 1/3(6.5 – 1/Q)
R5 = R4/(H – 1)
+5
–5
C3
0.1
μF
C4
0.1
μF
R4
523
Ω
R5
523
Ω
C2
500pF
C1
1000pF
R3
634
Ω
VOUT
R1
316
Ω
R2
105
Ω
VIN
SELECT
AD8027/
AD8028
+
–
03327-A-061
Figure 62. Band-Pass Filter Schematic
The test data shown in Figure 63 indicates that this design
yields a filter response with a center frequency of fO = 1 MHz,
and a bandwidth of 450 kHz.
0.1
CH1 S21 LOG
5dB/REF 6.342dB
1:6.3348dB 1.00 000MHz
1
FREQUENCY – MHz
10
1
03327-A-062
Figure 63. Band-Pass Filter Response
DESIGN TOOLS AND TECHNICAL SUPPORT
Analog Devices, Inc. (ADI) is committed to simplifying the
design process by providing technical support and online
design tools. ADI offers technical support via free evaluation
boards, sample ICs, interactive evaluation tools, data sheets,
spice models, application notes, and phone and email support
available at www. analog.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com