Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8027ART-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8027ART-R2
Description  Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8027ART-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8027ART-R2 Datasheet HTML 12Page - Analog Devices AD8027ART-R2 Datasheet HTML 13Page - Analog Devices AD8027ART-R2 Datasheet HTML 14Page - Analog Devices AD8027ART-R2 Datasheet HTML 15Page - Analog Devices AD8027ART-R2 Datasheet HTML 16Page - Analog Devices AD8027ART-R2 Datasheet HTML 17Page - Analog Devices AD8027ART-R2 Datasheet HTML 18Page - Analog Devices AD8027ART-R2 Datasheet HTML 19Page - Analog Devices AD8027ART-R2 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
AD8027/AD8028
Rev. C | Page 15 of 24
LOAD RESISTANCE (
Ω)
100
1000
10000
–200
200
150
100
50
0
–50
–100
–150
VS = +3V
VS = +5V VS = ±5V
VOH – VS+
VOL – VS–
LOAD RESISTANCE TIED
TO MIDSUPPLY
03327-A-045
Figure 46. Output Saturation Voltage vs. Output Load
FREQUENCY (Hz)
1k
10k
100k
1M
10M
100M
1G
0.001
0.01
0.1
1
10
100
G = +2
G = +1
G = +5
03327-A-046
Figure 47. Output Enabled— Impedance vs. Frequency
TEMPERATURE (°C)
–40
–25
–10
5
20
35
50
65
80
110
95
125
25
30
35
40
45
VOL – VS–
VS = +5V
RL = 1kΩ TIED TO MIDSUPPLY
VS+ – VOH
03327-A-047
Figure 48. Output Saturation Voltage vs. Temperature
ILOAD (mA)
0
10
203040
506
60
130
70
80
90
100
110
120
0
±5V
+5V
+3V
03327-A-048
Figure 49. Open-Loop Gain vs. Load Current
FREQUENCY (Hz)
100k
1M
10M
100M
1G
10
100
1k
10k
100k
1M
SELECT = LOW
03327-A-049
Figure 50. Output Disabled—Impedance vs. Frequency
SELECT VOLTAGE (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
–80
–60
–40
–20
0
20
40
60
80
VS = +5V
VS = +10V
@ +25°C
+125°C
+25°C
–40°C
03327-A-050
Figure 51. SELECT Pin Current vs.
SELECT Pin Voltage and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com