Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS44261 Datasheet(PDF) 21 Page - International Rectifier

Part # AS44261
Description  DUAL LOW SIDE DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AS44261 Datasheet(HTML) 21 Page - International Rectifier

Back Button AS44261 Datasheet HTML 13Page - International Rectifier AS44261 Datasheet HTML 14Page - International Rectifier AS44261 Datasheet HTML 15Page - International Rectifier AS44261 Datasheet HTML 16Page - International Rectifier AS44261 Datasheet HTML 17Page - International Rectifier AS44261 Datasheet HTML 18Page - International Rectifier AS44261 Datasheet HTML 19Page - International Rectifier AS44261 Datasheet HTML 20Page - International Rectifier AS44261 Datasheet HTML 21Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
AUIRS44261S
www.irf.com
© 2010 International Rectifier
21
Revision History
Date
Comment
04/29/08
Draft
03/13/09
Front page Typ Application and diagram.
07/07/09
Removed PDIP8 and AUIRS4427, AUIRS4428
09/30/09
Reformatted entire data sheet, added part marking
01/06/09
Updated Td1 typ.=70ns & max=150ns; tf typ.=25ns & max= 50ns; VOH max.=1.4V; added
note on IO+/- as guaranteed by design, added Input/Output Pin Equivalent Circuit Diagrams,
added Important Notice, added ESD level in Qual Info Page, modified disclaimer under
Absolute Max. Ratings; modified conditions under Dynamic Elec. Char.;
01/12/2010
Added parameter vs. temperature graphs; removed Preliminary; removed Latch Up rating in
qualification info page
01/13/2010
Added passing voltage level for ESD on Qual Info Page.
01/31/2010
Removed passing voltage level for ESD on Qual Info Page.
03/12/2010
Front page: dded unit (A) to IO+ & (ns) for ton; add “direct fuel injection” to application list.
Page3: changed from Vcc to Vs in diagram, removed “cross-conduction” from description
statement. Updated Parameter Trends vs temp statement with “supply voltage of 15V”.
03/15/2010
Page 8: changed from Vcc to Vs in schematics; put back “driver cross-conduction” in
description statement.
03/19/2010
Corrected Tf spec. typ=15nS, max=50nS.
07/30/2010
Part number changed to 44261; Min Vs=4.8V; Input thresholds spec changed into values
proportional to Vs; Iqbmax consumption increased from 200uA to 220uA ; IIN+ increased to
15Vtyp and 25Vmax; IIN- changed to 0uAtyp, 1uAmax; input pullup resistor connected to Vs.
10/21/2010
Test condition corrected for Io- (Vo=4.8V instead of 15V) and for VOH and VOL (I=2mA
instead of 20mA).
11/18/2010
AUIR4426 name corrected in AUIR44261 page2 and header
01/17/2011
Table with Vs=4.8V: VOH max limit changed to 1.9V; Tr to 65ns and td2 to 220ns
02/22/2011
Removed tri-temp graphs
03/02/2011
Inserted tri-temp graphs, based on 3 sigma and Vs = 4.8V & 15V
03/04/2011
Added “Preliminary Data Sheet” in front page titles.
5/17/2011
Updated tri-temp graphs, important notice. Change Iqs_15V typ. To 70; Voh(4.8) max to 2.2;
Tr, Tf (4.8) max to 75; Ton(4.8) max to 220; Toff(4.8) max to 250.
5/30/2011
VIH and VIL parameter exchange; VOH specified at cold and at hot.
6/30/11
Updated part marking & world headquarters address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com