Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS44261 Datasheet(PDF) 6 Page - International Rectifier

Part # AS44261
Description  DUAL LOW SIDE DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AS44261 Datasheet(HTML) 6 Page - International Rectifier

Back Button AS44261 Datasheet HTML 2Page - International Rectifier AS44261 Datasheet HTML 3Page - International Rectifier AS44261 Datasheet HTML 4Page - International Rectifier AS44261 Datasheet HTML 5Page - International Rectifier AS44261 Datasheet HTML 6Page - International Rectifier AS44261 Datasheet HTML 7Page - International Rectifier AS44261 Datasheet HTML 8Page - International Rectifier AS44261 Datasheet HTML 9Page - International Rectifier AS44261 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
AUIRS44261S
www.irf.com
© 2010 International Rectifier
6
Static Electrical Characteristics
Unless otherwise noted, these specifications apply for an operating junction temperature range of -40°C ≤ Tj ≤ 125°C
with bias conditions of VBIAS (VS) = 15 V. The VIN and IIN parameters are referenced to GND and are applicable to
input leads: INA and INB. The VO and IO parameters are referenced to GND and are applicable to the output leads:
OUTA and OUTB.
(†) Guaranteed by design
Dynamic Electrical Characteristics
Unless otherwise noted, these specifications apply for an operating junction temperature range of -40°C ≤ Tj ≤ 125°C
with bias conditions of VBIAS (VS) = 15 V, CL = 1000pF. The dynamic electrical characteristics are measured using the
test circuit shown in Fig. 3.
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
VIH
Logic “0” input voltage
0.5 *VS +
0.3V
—
—
V
4.8V<Vs<20V
VIL
Logic “1” input voltage
—
—
0.15 * VS+
0.08V
VOH
High level output voltage, VBIAS -
VO
—
—
1.4
IO = 0 mA
VOL
Low level output voltage, VO
—
—
0.1
IIN+
Logic “1” input bias current (OUT
= HI)
—
15
25
µA
VIN = 0 V
IIN-
Logic “0” input bias current (OUT
= LO)
—
0
1
VIN = VS
IQB
Quiescent VS supply current
—
70
220
VIN = 0 V or VS
IO+
Output high short circuit pulsed
current
(†)
1.5
2.3
—
A
VO = 0 V, VIN = 0
PW ≤ 10 µs
IO-
Output high short circuit pulsed
current
(†)
1.5
3.3
—
VO = 15 V, VIN = VS
PW ≤ 10 µs
Symbol
Definition
Min Typ Max Units Test Conditions
Propagation delay characteristics
ns
Figure 2
td1
Turn-on propagation delay
—
70
150
td2
Turn-off propagation delay
—
65
150
tr
Turn-on rise time
—
15
35
tf
Turn-off fall time
—
25
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com