Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS44261 Datasheet(PDF) 11 Page - International Rectifier

Part # AS44261
Description  DUAL LOW SIDE DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AS44261 Datasheet(HTML) 11 Page - International Rectifier

Back Button AS44261 Datasheet HTML 7Page - International Rectifier AS44261 Datasheet HTML 8Page - International Rectifier AS44261 Datasheet HTML 9Page - International Rectifier AS44261 Datasheet HTML 10Page - International Rectifier AS44261 Datasheet HTML 11Page - International Rectifier AS44261 Datasheet HTML 12Page - International Rectifier AS44261 Datasheet HTML 13Page - International Rectifier AS44261 Datasheet HTML 14Page - International Rectifier AS44261 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
AUIRS44261S
www.irf.com
© 2010 International Rectifier
11
Application Information and Additional Details
Figure 1: Input/output Timing Diagram
INA
INB
tr
OUTA
tf
td1
OUTB
td2
Figure 2: Switching Time Waveform Definitions
2
4
7
3
5
6
INA
INB
OUTA
OUTB
VS = 15 V
4.7µF
1000 F
0.1 µF
CL
CL
1000 F
Figure 3: Advance Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com