Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS44261 Datasheet(PDF) 12 Page - International Rectifier

Part # AS44261
Description  DUAL LOW SIDE DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AS44261 Datasheet(HTML) 12 Page - International Rectifier

Back Button AS44261 Datasheet HTML 8Page - International Rectifier AS44261 Datasheet HTML 9Page - International Rectifier AS44261 Datasheet HTML 10Page - International Rectifier AS44261 Datasheet HTML 11Page - International Rectifier AS44261 Datasheet HTML 12Page - International Rectifier AS44261 Datasheet HTML 13Page - International Rectifier AS44261 Datasheet HTML 14Page - International Rectifier AS44261 Datasheet HTML 15Page - International Rectifier AS44261 Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
AUIRS44261S
www.irf.com
© 2010 International Rectifier
12
Parameter Trends vs. Temperature
Figures illustrated in this chapter provide information on the experimental performance of the AUIRS44261S HVIC.
The line plotted in each figure is generated from actual lab data. A large number of individual samples were tested at
three temperatures (-40 ºC, 25 ºC, and 125 ºC) with supply voltage of 15V in order to generate the experimental
curve. The line consists of three data points (one data point at each of the tested temperatures) that have been
connected together to illustrate the understood trend. The individual data points on the Typ. curve were determined
by calculating the averaged experimental value of the parameter (for a given temperature).
Vs = 4.8V
Figure 4.
Turn-On Propagation Delay vs. Temperature
Vs = 4.8V
Figure 5.
Turn-Off Propagation Delay vs. Temperature
Vs = 15V
Figure 6.
Turn-On Propagation Delay vs. Temperature
Vs = 15V
Figure 7.
Turn-Off Propagation Delay vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com