Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF12 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # RF12
Description  EEPROM Emulation Library
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RF12 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button RF12 Datasheet HTML 41Page - Renesas Technology Corp RF12 Datasheet HTML 42Page - Renesas Technology Corp RF12 Datasheet HTML 43Page - Renesas Technology Corp RF12 Datasheet HTML 44Page - Renesas Technology Corp RF12 Datasheet HTML 45Page - Renesas Technology Corp RF12 Datasheet HTML 46Page - Renesas Technology Corp RF12 Datasheet HTML 47Page - Renesas Technology Corp RF12 Datasheet HTML 48Page - Renesas Technology Corp RF12 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
RL78 Family
Chapter 5
User Interface
EEPROM Emulation Library Pack02
R01US0068EJ0100
Rev.1.00
Page 45 of 53
Mar. 28, 2014
EEL_Handler
[Function]
Continuous EEPROM emulation execution processing
This function continues executing the EEPROM emulation processing specified for the EEL_Execute function.
[Format]
<C language>
void __far EEL_Handler(void);
<Assembler>
CALL !EEL_Handler or CALL !!EEL_Handler
Remark Call this function by using ! if placing the EEL at 00000H to 0FFFFH or by using !! if not.
[Pre-conditions]
1.
The FDL_Init, FDL_Open, and EEL_Init,EEL_Open functions must have finished normally.
2.
The EEL_Execute function should execute
Note, and status_enu of the request structure (eel_request_t)
should be EEL_BUSY.
Note: Execution of the EEL_CMD_SHUTDOWN command does not need execution of the EEL_Handler function.
However, we recommend that you follow the command operation flowchart shown in figure 3-3.
[Post-conditions]
While status_enu of the request structure (eel_request_t) is EEL_BUSY, execute this function repeatedly. If the
EEL_Handler function is executed while no command is executed, status_enu of of the request structure
(eel_request_t) is not updated.
[Cautions]
The command execution status of the EEL_Handler function is set for the ”eel_request_t* request” used as an
argument of the EEL_Execute function. Therefore, when using the EEL_Handler function, do not free the
“eel_request_t* request” variable. For the execution state of the command specified by the EEL_Handler function,
see the list of the EEL_Execute/EEL_Handler command execution state (eel_status_t)
[Register status after calling this function]
No registers are corrupted.
[Arguments]
None
[Return values]
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com