Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF12 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # RF12
Description  EEPROM Emulation Library
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RF12 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button RF12 Datasheet HTML 7Page - Renesas Technology Corp RF12 Datasheet HTML 8Page - Renesas Technology Corp RF12 Datasheet HTML 9Page - Renesas Technology Corp RF12 Datasheet HTML 10Page - Renesas Technology Corp RF12 Datasheet HTML 11Page - Renesas Technology Corp RF12 Datasheet HTML 12Page - Renesas Technology Corp RF12 Datasheet HTML 13Page - Renesas Technology Corp RF12 Datasheet HTML 14Page - Renesas Technology Corp RF12 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
RL78 Family
Chapter 2
EEPROM Emulation
EEPROM Emulation Library Pack02
R01US0068EJ0100
Rev.1.00
Page 11 of 53
Mar. 28, 2014
2. 3
EEL architecture
This chapter describes the EEL architecture required for the user to rewrite data flash (the EEL pool) by using the
EEL.
2. 3. 1
System Structure
The EEL offers interface for accessing the data flash area defined by the user. The arrows shown in the figure 2-1
below indicate the flow of processing.
Figure 2-1
System Structure
2. 3. 2
EEL Pool
The EEL pool is a user-defined data flash area that is accessible by the EEL. The user program can access the
data flash only by using this EEL pool in the data flash via the EEL. The EEL pool size must be specified with the
number of blocks in the data flash of the target device. For the procedure to specify the number of blocks, see
section 4.3, Initial Values to be set by User.
The EEL pool is divided into 1024-byte blocks. Each block has a state which indicates the current usage of the
block.
State
Description
Active
Only a single EEL block is active at a time to store defined data.
The active block circulates in
data flash blocks allocated in the EEL pool.
Invalid
No data is stored in invalid blocks. EEL blocks are marked as invalid by the EEL or become
invalid in the case of erasure blocks.
Excluded
If functional operation failed and possibility of a data flash failure is clarified, the EEL excludes
the relevant block and the block is no longer used for EEPROM emulation.
Before using the EEL, the FDL must
be initialized.
(FDL_Init and FDL_Open function)
ユーザ・プログラム
Code Flash
User Program
EEL
FDL
Data Flash
(EEL Pool)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com