Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF12 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # RF12
Description  EEPROM Emulation Library
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RF12 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button RF12 Datasheet HTML 42Page - Renesas Technology Corp RF12 Datasheet HTML 43Page - Renesas Technology Corp RF12 Datasheet HTML 44Page - Renesas Technology Corp RF12 Datasheet HTML 45Page - Renesas Technology Corp RF12 Datasheet HTML 46Page - Renesas Technology Corp RF12 Datasheet HTML 47Page - Renesas Technology Corp RF12 Datasheet HTML 48Page - Renesas Technology Corp RF12 Datasheet HTML 49Page - Renesas Technology Corp RF12 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
RL78 Family
Chapter 5
User Interface
EEPROM Emulation Library Pack02
R01US0068EJ0100
Rev.1.00
Page 46 of 53
Mar. 28, 2014
EEL_GetSpace
[Function]
This obtains the free EEL block space.
[Format]
<C language>
eel_status_t
__far EEL_GetSpace(__near eel_u16* space_pu16)
<Assembler>
CALL !EEL_GetSpace or CALL !!EEL_GetSpace
Remark Call this function by using ! if placing the EEL at 00000H to 0FFFFH or by using !! if not.
[Pre-conditions]
The FDL_Init,FDL_Open,EEL_Init, and EEL_Open functions, and theEEL_Execute
function(EEL_CMD_STARTUP command ) must have finished normally.
[Post-conditions]
None
[Cautions]
1.
When the EEL pool has been exhausted, 0 is always returned to indicate that there is no free space.
2.
When an error value is returned, the free space information remains unchanged.
[Register status after calling this function]
Return value: C
Corrupted register: AX (argument)
[Arguments]
Argument
Type
Description
space_pu16
eel_u16* (near)
The address at which the free space information of the current
active block is input
[Return values]
Type
Symbol Definition
Description
eel_status_t
EEL_OK
Normal end
EEL_ERR_INITIALIZATION
EEL_Init has not been executed.
EEL_ERR_ACCESS_LOCKED
The EEL_CMD_STARTUP command has not finished normally.
EEL_ERR_REJECTED
A command is being executed.
Remark Assembly language return values are stored in register C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com