Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF12 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # RF12
Description  EEPROM Emulation Library
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RF12 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button RF12 Datasheet HTML 23Page - Renesas Technology Corp RF12 Datasheet HTML 24Page - Renesas Technology Corp RF12 Datasheet HTML 25Page - Renesas Technology Corp RF12 Datasheet HTML 26Page - Renesas Technology Corp RF12 Datasheet HTML 27Page - Renesas Technology Corp RF12 Datasheet HTML 28Page - Renesas Technology Corp RF12 Datasheet HTML 29Page - Renesas Technology Corp RF12 Datasheet HTML 30Page - Renesas Technology Corp RF12 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
RL78 Family
Chapter 4
Using EEPROM Emulation
EEPROM Emulation Library Pack02
R01US0068EJ0100
Rev.1.00
Page 27 of 53
Mar. 28, 2014
4.2
Number of stored user data items and total user data size
The total size of user data that can be used in the EEPROM emulation is limited. The size required for writing all user data
to an EEL block must be within 1/2 of the block. Therefore, the number of stored data items that can be used differs
depending on the size of user data that is actually stored. The following shows how to calculate the size that can be used
when actually writing user data, as well as the total user data size.
[Maximum usable size of one block that can be used to write the user data]
Size of one block of data flash memory:
1024 bytes
Size required for EEPROM emulation block management:
8 bytes
Free space necessary as termination information (separator): 2 bytes
Maximum usable size of one block = 1024 bytes - 8 bytes - 2 bytes = 1014 bytes
[Maximum size and recommended size]
Data must be held in one block. Therefore, the maximum size is the maximum usable size of one block but the following
relational expression should be met. To enable all data to be updated at least once, we recommend that the data be within
the half size of the maximum usable size of one block.
Maximum size = the basic total user data size + maximum data size + 2
≤ 1014
( Assumed that the largest data can be updated once after all data have been written.)
Recommended size = 1014 / 2
(Assumed that all data can be updated once after all data have been written.)
[Calculating the size for writing each user data item ]
Note
Size of each written user data item = data size + reference data size (2 bytes)
Note: For details, see 2.3.5 Structure of Stored Data.
[Calculating the basic total user data size]
Basic total size = (user data 1 + 2) + (user data 2 + 2) ... + (user data n + 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com