Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NISCXI1121 Datasheet(PDF) 4 Page - National Instruments Corporation

Part # NISCXI1121
Description  SCXI Isolated Universal Input Modules
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NISCXI1121 Datasheet(HTML) 4 Page - National Instruments Corporation

  NISCXI1121 Datasheet HTML 1Page - National Instruments Corporation NISCXI1121 Datasheet HTML 2Page - National Instruments Corporation NISCXI1121 Datasheet HTML 3Page - National Instruments Corporation NISCXI1121 Datasheet HTML 4Page - National Instruments Corporation NISCXI1121 Datasheet HTML 5Page - National Instruments Corporation NISCXI1121 Datasheet HTML 6Page - National Instruments Corporation NISCXI1121 Datasheet HTML 7Page - National Instruments Corporation NISCXI1121 Datasheet HTML 8Page - National Instruments Corporation NISCXI1121 Datasheet HTML 9Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SCXI Isolated Universal Input Modules
303
National Instruments • Tel: (800) 433-3488 • Fax: (512) 683-9300 • info@ni.com • ni.com
NI SCXI-1121 ................................................................776572-21
NI SCXI-1122 ................................................................776572-22
Accessories
SCXI current resistors (4-pack) ..................................776582-01
For information on extended warranty and value-added
services, see page 20.
BUY ONLINE!
Visit ni.com/info and enter scxi1121 and/or scxi1122.
See page 276 to configure your complete SCXI system.
Ordering Information
Table 3. Terminal Block Options for SCXI-1121 and SCXI-1122
Terminal Block
Part Number
Type
CJ Sensor
Compatible Modules
Cabling
Special Functions
Page
SCXI-1320
777687-20
Screw terminals
✔
__
329
Front-mounting
SCXI-1321
777687-21
Screw terminals
✔
_Offset nulling and shunt
329
Front-mounting
calibration for strain gauges
SCXI-1327
777687-27
Screw terminals
✔
_
Extended voltage input
329
Front-mounting
range (to 250 Vrms)
SCXI-1328
777687-28
Screw terminals
✔
_
Isothermal construction
329
Front-mounting
SCXI-1322
777687-22
Screw terminals
✔
__
329
Front-mounting
SCXI-1305
777687-05
BNC connectors
–
_
BNC connectors
328
Front-mounting
AC coupling (configurable
per channel)
TBX-1328
777207-28
Screw terminals
–
SH32-32A
DIN rail mount
331
DIN-rail mount
(183230-01)
Isothermal construction
TBX-1329
777207-29
Screw terminals
–
SH32-32A
DIN rail mount
331
DIN-rail mount
(183230-01)
AC/DC coupling
Removable screw terminals
SCXI-1330
777687-30
Solder pins
–
_
Low-cost connector and
330
Front-mounting
shell assembly
SCXI-1121
SCXI-1122
SCXI-1121



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com