Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NISCXI1121 Datasheet(PDF) 9 Page - National Instruments Corporation

Part # NISCXI1121
Description  SCXI Isolated Universal Input Modules
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NISCXI1121 Datasheet(HTML) 9 Page - National Instruments Corporation

  NISCXI1121 Datasheet HTML 1Page - National Instruments Corporation NISCXI1121 Datasheet HTML 2Page - National Instruments Corporation NISCXI1121 Datasheet HTML 3Page - National Instruments Corporation NISCXI1121 Datasheet HTML 4Page - National Instruments Corporation NISCXI1121 Datasheet HTML 5Page - National Instruments Corporation NISCXI1121 Datasheet HTML 6Page - National Instruments Corporation NISCXI1121 Datasheet HTML 7Page - National Instruments Corporation NISCXI1121 Datasheet HTML 8Page - National Instruments Corporation NISCXI1121 Datasheet HTML 9Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
196 National Instruments • Tel: (800) 433-3488 • Fax: (512) 683-9300 • info@ni.com • ni.com
Table 1. Possible Empirical Accuracy with System Calibration
Table 2. NI PCI-6052E Analog Input Accuracy Specifications
Note: Accuracies are valid for measurements following an
internal (self) E Series calibration. Averaged numbers assume
averaging of 100 single-channel readings. Measurement accuracies
are listed for operational temperatures within ±1 °C of internal
calibration temperature and ±10 °C of external or factory-calibration
temperature. One-year calibration interval recommended. The
absolute accuracy at full scale calculations were performed for a
maximum range input voltage (for example, 10 V for the ±10 V
range) after one year, assuming 100 point averaging of data.
Multifunction DAQ and SCXI Signal Conditioning
Accuracy Specifications Overview
Module
Empirical Accuracy
SCXI-1102
±0.25 ˚C at 250 ˚C
±24 mV at 9.5 V
SCXI-1112
±0.21 ˚C at 300 ˚C
SCXI-1125
±2.2 mV at 2 V
Absolute Accuracy
Relative Accuracy
Nominal Range (V)
% of Reading
System Noise (mV)
Resolution (µV)
Positive FS
Negative FS
24 Hours
1 Year
Offset (mV)
Single Point
Averaged
(%/°C)
at Full Scale ((((mV
Single Point
Averaged
10.0
-10.0
0.0354
0.0371
947.0
981.0
87.0
0.0006
4.747
1145.0
115.0
5.0
-5.0
0.0054
0.0071
476.0
491.0
43.5
0.0001
0.876
573.0
57.3
2.5
-2.5
0.0354
0.0371
241.0
245.0
21.7
0.0006
1.190
286.0
28.6
1.0
-1.0
0.0354
0.0371
99.2
98.1
8.7
0.0006
0.479
115.0
11.5
0.5
-0.5
0.0354
0.0371
52.1
56.2
5.0
0.0006
0.243
66.3
6.6
0.25
-0.25
0.0404
0.0421
28.6
32.8
3.0
0.0006
0.137
39.2
3.9
0.1
-0.1
0.0454
0.0471
14.4
22.4
2.1
0.0006
0.064
27.7
2.8
0.05
-0.05
0.0454
0.0471
9.7
19.9
1.9
0.0006
0.035
25.3
2.5
10.0
0.0
0.0054
0.0071
476.0
491.0
43.5
0.0001
1.232
573.0
57.3
5.0
0.0
0.0354
0.0371
241.0
245.0
21.7
0.0006
2.119
286.0
28.6
2.0
0.0
0.0354
0.0371
99.2
98.1
8.7
0.0006
0.850
115.0
11.5
1.0
0.0
0.0354
0.0371
52.1
56.2
5.0
0.0006
0.428
66.3
6.6
0.5
0.0
0.0404
0.0421
28.6
39.8
3.0
0.0006
0.242
48.2
3.9
0.2
0.0
0.0454
0.0471
14.4
22.4
2.1
0.0006
0.111
27.7
2.8
0.1
0.0
0.0454
0.0471
9.7
19.9
1.9
0.0006
0.059
25.3
2.5
Offset (µV)
Temp Drift
(%/°C)
Absolute Accuracy
at Full Scale (mV)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com