Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NISCXI1121 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # NISCXI1121
Description  SCXI Isolated Universal Input Modules
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NISCXI1121 Datasheet(HTML) 1 Page - National Instruments Corporation

  NISCXI1121 Datasheet HTML 1Page - National Instruments Corporation NISCXI1121 Datasheet HTML 2Page - National Instruments Corporation NISCXI1121 Datasheet HTML 3Page - National Instruments Corporation NISCXI1121 Datasheet HTML 4Page - National Instruments Corporation NISCXI1121 Datasheet HTML 5Page - National Instruments Corporation NISCXI1121 Datasheet HTML 6Page - National Instruments Corporation NISCXI1121 Datasheet HTML 7Page - National Instruments Corporation NISCXI1121 Datasheet HTML 8Page - National Instruments Corporation NISCXI1121 Datasheet HTML 9Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
300 National Instruments • Tel: (800) 433-3488 • Fax: (512) 683-9300 • info@ni.com • ni.com
SCXI Isolated Universal Input Modules
Overview
The National Instruments SCXI-1121 and SCXI-1122 modules are
designed for a wide variety of sensor and signal inputs requiring
isolation. The NI SCXI-1121 offers independent jumper-configurable
isolation amplifiers, filters, and excitation sources for each channel.
The SCXI-1122 offers an isolation amplifier, filter, and excitation source
for all channels. Both SCXI-1121 and SCXI-1122 modules offer at
least 250 Vrms working isolation and can acquire strain, RTD,
thermocouple, millivolt, volt, 250 V, 0 to 20 mA, and 4 to 20 mA
current input signals. Both modules can multiplex their channels
into a single channel of the controlling DAQ device. The SCXI-1121
also offers parallel-mode operation. If you are specifically interested
in strain measurements, consider using the NI SCXI-1520 Universal
Strain Gauge Input Module. For thermocouple measurements,
consider using the NI SCXI-1102 Thermocouple Input Module.
For RTD measurements, consider using the SCXI-1102 in combination
with the SCXI-1581 Current Excitation Module or the PXI-4070
DMM with SCXI-1127 switch.
Analog Input
SCXI-1121
The analog inputs of the SCXI-1121 consist of four isolated
instrumentation amplifiers. You can configure each channel
independently using jumpers for input ranges of ±2.5 mV to ±5 V.
You can extend the input range for each channel to ±250 VDC/
±250 VAC with the SCXI-1327 terminal block. Each channel also
includes a lowpass filter that you can configure using jumpers for 4 Hz or
10 kHz. You can sample channels at a rate up to 333 kS/s (3 µs per
channel in multiplexed mode). Each channel offers transducer-specific
features such as bridge completion, configurable voltage and current
excitation, bridge balancing, and shunt calibration depending on the
configured terminal block. Each channel is individually isolated with
a working voltage limit of 250 Vrms between channels or channel to
earth. Finally, the SCXI-1121 is CE certified as double insulated,
Category II, for 250 Vrms of operational isolation.
SCXI-1122
The SCXI-1122 consists of 16 relay multiplexers that route the input
channels to a single isolated instrumentation amplifier and lowpass
filter. You can program all inputs together for a range of ±5 mV to
±250 V. You can program the lowpass filter setting for all input
channels for either 4 Hz or 4 kHz. With this relay multiplexer
architecture, you are limited to a maximum sampling rate of 100 S/s
for the 4 kHz filter setting, and 1 S/s for the 4 Hz filter setting on all
channels in your scan list. Thus, the SCXI-1122 is not intended to be
used for the scanning of multiple channels. It should be used to acquire
multiple samples from a single channel before acquiring from the next
channel. This module also offers cold-junction compensation, bridge
completion, and a single voltage and current excitation source with
remote sensing. You can configure the SCXI-1122 for 4-wire scanning
mode, accepting up to eight 5 k
devices. You can also connect up to
16 devices in series. Each channel is individually isolated with a working
common-mode voltage of 250 Vrms between channels or 480 Vrms
channel to earth. Finally, the SCXI-1122 is CE certified as double
insulated, Category II, for 250 Vrms of operational isolation.
•Isolated analog inputs
•Isolated voltage and
current excitation
•Signal inputs from millivolts
to ±250 V
•Lowpass filtering
•Shunt calibration
• NI-DAQ driver software simplifies
configuration, measurements,
and scaling
SCXI-1121
•4 isolated input channels
•4 isolated excitation channels
• 250 Vrms working isolation
per channel
• Offset nulling and shunt calibration
with SCXI-1321
SCXI-1122
• 16 channels
• 100 S/s (4 kHz filter), 1 S/s
(4 Hz filter)
•2 excitation sources
• 480 Vrms working isolation
per channel
Operating Systems
•Windows 2000/NT/XP
Recommended Software
• LabVIEW
• LabWindows/CVI
•Measurement Studio
• VI Logger
Driver Software
• NI-DAQ 7
NI SCXI-1121, NI SCXI-1122
Table 1. Signal Compatibility
±5 mV
0 to 20 mA
SCXI Module
Bridge
RTD
Thermocouple
±2.5 mV
to ± 250 V
4 to 20 mA
SCXI-1121
✓✓
✓
✓
✓
✓
SCXI-1122
✓✓
✓
–
✓✓


Similar Part No. - NISCXI1121

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NISCXI1120D NI-NISCXI1120D Datasheet
91Kb / 7P
SCXI 8-Channel Isolated Analog Input Modules
NISCXI1125 NI-NISCXI1125 Datasheet
91Kb / 7P
SCXI 8-Channel Isolated Analog Input Modules
More results

Similar Description - NISCXI1121

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCM5B33 ETC-SCM5B33 Datasheet
26Kb / 2P
Isolated True RMS Input Modules
logo
Teledyne Technologies I...
C76AO-1 TELEDYNE-C76AO-1 Datasheet
1Mb / 6P
Optically isolated computer input/output modules
logo
Advantech Co., Ltd.
PCI-1758UDI ADVANTECH-PCI-1758UDI Datasheet
298Kb / 1P
128-ch Isolated Digital Input Universal PCI Card
logo
National Instruments Co...
NISCXI-1521 NI-NISCXI-1521 Datasheet
582Kb / 3P
SCXI Quarter-Bridge Strain Gage Input Module
NISCX-1121B NI-NISCX-1121B Datasheet
582Kb / 3P
SCXI Quarter-Bridge Strain Gage Input Module
NISCXI-1120 NI-NISCXI-1120 Datasheet
91Kb / 7P
SCXI 8-Channel Isolated Analog Input Modules
NISCXI-1126 NI-NISCXI-1126 Datasheet
83Kb / 6P
SCXI 8-Channel Isolated Frequency Input Module
NISCXI-1520 NI-NISCXI-1520 Datasheet
320Kb / 9P
SCXI Universal Strain Gage Input
logo
Advantech Co., Ltd.
PCI-1758UDI ADVANTECH-PCI-1758UDI_15 Datasheet
234Kb / 1P
128-ch Isolated Digital Input Universal PCI Card
logo
Willow Technologies Ltd
C76 WILLOW-C76 Datasheet
1Mb / 6P
Optically isolated computer input/output modules
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com