Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NISCXI1121 Datasheet(PDF) 8 Page - National Instruments Corporation

Part # NISCXI1121
Description  SCXI Isolated Universal Input Modules
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NISCXI1121 Datasheet(HTML) 8 Page - National Instruments Corporation

  NISCXI1121 Datasheet HTML 1Page - National Instruments Corporation NISCXI1121 Datasheet HTML 2Page - National Instruments Corporation NISCXI1121 Datasheet HTML 3Page - National Instruments Corporation NISCXI1121 Datasheet HTML 4Page - National Instruments Corporation NISCXI1121 Datasheet HTML 5Page - National Instruments Corporation NISCXI1121 Datasheet HTML 6Page - National Instruments Corporation NISCXI1121 Datasheet HTML 7Page - National Instruments Corporation NISCXI1121 Datasheet HTML 8Page - National Instruments Corporation NISCXI1121 Datasheet HTML 9Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Multifunction DAQ and SCXI Signal Conditioning
Accuracy Specifications Overview
195
National Instruments • Tel: (800) 433-3488 • Fax: (512) 683-9300 • info@ni.com • ni.com
For both DAQ devices and SCXI modules, you should use the
Single-Point System Noise specification from the accuracy tables
when you are making single-point measurements. If you are
averaging multiple points for each measurement, the value for
System Noise changes. The Averaged System Noise in the accuracy
tables assumes that you average 100 points per measurement. If you
are averaging a different number of points, use the following
equation to determine your Noise + Quantization:
System Noise = Average System Noise from table x
(100/number of points)
For example, if you are averaging 1,000 points per measurement
with the PCI-6052E in the ±10 V (±100 mV for the SCXI-1102)
input range, System Noise is determined by:
NI PCI-6052E**
System Noise= 87.0 0 µV x
(100/1000) = 27.5 0 µV
NI SCXI-1102
System Noise= 5 µV x SQRT
(100/1000) = 1.58 µV
**The System Noise specifications assume that dithering is disabled for single-point
measurements and enabled for averaged measurements.
See page 21 or visit ni.com/calibration for more information
on the importance of calibration on DAQ device accuracy.
Absolute System Accuracy
Absolute System Accuracy represents the end-to-end accuracy
including the signal conditioning and DAQ device. Because absolute
system accuracy includes components set for different input
ranges, it is important to use Absolute Accuracy RTI numbers for
each component.
Total System Accuracy RTI = ±SQRT [(Module Absolute Accuracy RTI)2
+ (DAQ Device Absolute Accuracy RTI)2]
The following example calculates the Absolute System Accuracy
for the SCXI-1102 module and PCI-6052E DAQ board described in
the first examples:
Total System Accuracy RTI = ±
[(0.00273)2 + (0.000505)2] = ±0.278%
Units of Measure
In many applications, you are measuring some physical phenomenon,
such as temperature. To determine the absolute accuracy in terms of
your unit of measure, you must perform three steps:
1. Convert a typical expected value from the unit
of measure to voltage
2. Calculate absolute accuracy for that voltage
3. Convert absolute accuracy from voltage to the unit of measure
Note: it is important to use a typical measurement value in this
process, because many conversion algorithms are not linearized.
You may want to perform conversions for several different values in
your probable range of inputs, rather than just the maximum and
minimum values.
For an example calculation, we want to determine the absolute
system accuracy of an NI SCXI-1102 system with a NI PCI-6052E,
measuring a J-type thermocouple at 100 °C.
1. A J-type thermocouple at 100 °C generates 5.268 mV
(from a standard conversion table or formula)
2. The absolute accuracy for the system at 5.268 mV is ±0.82%.
This means the possible voltage reading is anywhere from
5.225 to 5.311 mV.
3. Using the same thermocouple conversion table, these values
represent a temperature spread of 99.3 to 100.7 °C.
Therefore, the absolute system accuracy is ±0.7 °C at 100 °C.
Benchmarks
The calculations described above represent the maximum error you
should receive from any given component in your system, and a
method for determining the overall system error. However, you
typically have much better accuracy values than what you obtain
from these tables.
If you need an extremely accurate system, you can perform an
end-to-end calibration of your system to reduce all system errors.
However, you must calibrate this system with your particular input
type over the full range of expected use. Accuracy depends on the
quality and precision of your source.
We have performed some end-to-end calibrations for some typical
configurations and achieved the results in Table 1:
To maintain your measurement accuracy, you must calibrate your
measurement system at set intervals over time.
For a current list of SCXI signal conditioning products
with calibration services, please visit ni.com/calibration



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com