Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD1630G-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UPSD1630G-S08-R
Description  PSR, SINGLE STAGE, AC-DC LED DRIVER WITH ACTIVE PFC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPSD1630G-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UPSD1630G-S08-R Datasheet HTML 1Page - Unisonic Technologies UPSD1630G-S08-R Datasheet HTML 2Page - Unisonic Technologies UPSD1630G-S08-R Datasheet HTML 3Page - Unisonic Technologies UPSD1630G-S08-R Datasheet HTML 4Page - Unisonic Technologies UPSD1630G-S08-R Datasheet HTML 5Page - Unisonic Technologies UPSD1630G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UPSD1630
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-A01.a
PIN CONFIGURATION
1
CS
COMP
DRV
GND
TM
VDD
DSEN
STP
2
3
4
5
6
7
8
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
DRV
Gate drive for power MOSFET.
2
GND
Ground.
3
TM
Test pin. Always tie to ground.
4
COMP
Connect a capacitor to ground for frequency compensation.
5
STP
Start-up pin.
6
DSEN
The voltage feedback from auxiliary winding.
7
VDD
Power supply.
8
CS
Current sense input.
BLOCK DIAGRAM
5
7
+
-
3
6
+
-
-
+
4
+
-
2
8
1
+
-
LEB
STP
Regulator
& Vref
VDD
TM
DSEN
Por
OVP
Logic
core
19V
Tdemag
detector
SCP
OVP
0.2V
3.2V
Constant
TOFF
Control
COMP
GND
0.4V
Current
regulation
CS
2.2V
Drive
DRV



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com