Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD1630G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UPSD1630G-S08-R
Description  PSR, SINGLE STAGE, AC-DC LED DRIVER WITH ACTIVE PFC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPSD1630G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UPSD1630G-S08-R Datasheet HTML 1Page - Unisonic Technologies UPSD1630G-S08-R Datasheet HTML 2Page - Unisonic Technologies UPSD1630G-S08-R Datasheet HTML 3Page - Unisonic Technologies UPSD1630G-S08-R Datasheet HTML 4Page - Unisonic Technologies UPSD1630G-S08-R Datasheet HTML 5Page - Unisonic Technologies UPSD1630G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UPSD1630
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-A01.a
APPLICATION INFORMATION
The UTC UPSD1630 is a primary-side-control AC-DC LED driver which can achieve high power factor and
accurate LED current for an isolate lighting application in a single stage converter. The LED current can be
controlled accurately from the primary side information and integrates power factor correction function and works in
DCM and constant OFF time mode for reducing the harmonic current emission (THD).
Startup Control
A soft-start function is implemented to prevent the transformer from entering into CCM. The VDD pin of UTC
UPSD1630
is charged through a startup resistor. When the VDD voltage reaches VTH(ON), the internal startup circuit is
disabled and the IC turns on. Then, the STP pin is clamped to lower than VDD voltage about 0.2V.
Operating Current
The Operating current of UTC UPSD1630 is as low as 3mA. Good efficiency and very low standby power can be
achieved.
Constant Current Operation
UTC UPSD1630 use the primary side constant current control method to accurately control the LED current. The
LED real current can be approximated as:
CS
S
P
LED
R
V
4
.
0
N
N
×
2
1
I
≈
Where NP is primary winding, NS is secondary winding; RCS is an external current sensing resistor.
Power Factor Correction
The primary side current increases linearly from zero to peak value, during the external MOSFET on-time. When
the primary current reaches the threshold, UTC UPSD1630 turns off the power MOSFET immediately. After a
constant OFF time, TOFF, UTC UPSD1630 turns on the power MOSFET again. The peak current threshold follows
the rectified sinusoidal-shape of main line voltage. As a result, the envelope of the inductor current is
sinusoidal-shaped, high power factor is therefore achieved in this way.
Over-voltage Protection
UTC UPSD1630 built-in two over-voltage protection schemes:
(1) If DSEN pin’s voltage is detected above 3.2V for three times, UTC UPSD1630 turns off the PWM switching signal,
and VDD voltage gradually drops to UVLO threshold, and the system will be re-started. The threshold voltage of the
output over voltage protection can be easily defined as:
A
S
OVP
_
OUT
N
N
×
)
6
R
5
R
+
1
(
×
2
.
3
=
V-VD8
Where NS is the secondary winding, NA is auxiliary winding, VD8 is the forward bias of the secondary side rectifier
diode.
(2) If VDD pin’s voltage exceeds 19.2V three times, UTC UPSD1630 turns off the PWM switching signal, and VDD
gradually drops to UVLO threshold, and then the system will be re-started.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com