Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD1630G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UPSD1630G-S08-R
Description  PSR, SINGLE STAGE, AC-DC LED DRIVER WITH ACTIVE PFC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPSD1630G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UPSD1630G-S08-R Datasheet HTML 1Page - Unisonic Technologies UPSD1630G-S08-R Datasheet HTML 2Page - Unisonic Technologies UPSD1630G-S08-R Datasheet HTML 3Page - Unisonic Technologies UPSD1630G-S08-R Datasheet HTML 4Page - Unisonic Technologies UPSD1630G-S08-R Datasheet HTML 5Page - Unisonic Technologies UPSD1630G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UPSD1630
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-A01.a
PSR, SINGLE STAGE, AC-DC
LED DRIVER WITH ACTIVE
PFC
DESCRIPTION
The UTC UPSD1630 is a primary-side-control AC-DC LED
driver which can achieve high power factor and accurate LED
current for an isolate lighting application in a single stage converter.
The LED current can be controlled accurately from the primary
side information. It can significantly simplify the LED lighting
system design by eliminating the secondary side feedback
components and the opto-coupler.
The UTC UPSD1630 integrates power factor correction function
and works in DCM and constant TOFF time mode for reducing the
harmonic current emission (THD).
The UTC UPSD1630 achieves high precision output current
regulation and high power efficiency. It offers comprehensive
protection coverage with auto-recovery features including VDD over
voltage protection, OTP, over current protection (OCP), output over
voltage protection, output short circuit protection (SCP), leading
edge blanking, VDD under voltage lockout, etc.
FEATURES
SOP-8
* ±3% constant current regulation at universal AC input
* Primary side control without TL431 and opto-coupler
* Built-in power factor correction
* Up to 50W power drivability
* Flyback topology in DCM operation
* Driver MOSFET switch
* Built-in leading edge blanking
* Cycle-by-cycle current limiting
* Under-voltage lockout
* VDD over voltage protection
* Output over voltage protection
* Output short circuit protection
* Power on soft-start
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UPSD1630L-S08-T
UPSD1630G-S08-T
SOP-8
Tube
UPSD1630L-S08-R
UPSD1630G-S08-R
SOP-8
Tape Reel
(1) R: Tape Reel
(2) S08: SOP-8
(3) L: Lead Free, G:Halogen Free
UPSD1630L-S08-R
(1)Packing Type.
(2)Package Type
(3)Lead Free


Similar Part No. - UPSD1630G-S08-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3200 STMICROELECTRONICS-UPSD3200 Datasheet
79Kb / 8P
Flash Programmable System Device with 8032 Microcontroller Core
Jun-2002
UPSD3212 STMICROELECTRONICS-UPSD3212 Datasheet
1Mb / 152P
Flash Programmable System Devices with 8032 Microcontroller Core and 16Kbit SRAM
18-Dec-2002
UPSD3212A STMICROELECTRONICS-UPSD3212A Datasheet
2Mb / 163P
Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic
18-Dec-2002
UPSD3212A-24T6T STMICROELECTRONICS-UPSD3212A-24T6T Datasheet
2Mb / 163P
Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic
18-Dec-2002
UPSD3212A-24U6T STMICROELECTRONICS-UPSD3212A-24U6T Datasheet
2Mb / 163P
Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic
18-Dec-2002
More results

Similar Description - UPSD1630G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPSL1630 UTC-UPSL1630 Datasheet
199Kb / 7P
PSR, SINGLE STAGE, AC-DC LED DRIVER WITH ACTIVE
logo
List of Unclassifed Man...
FT8260 ETC2-FT8260 Datasheet
444Kb / 16P
PSR Single-Stage AC-DC LED Driver with High PF
logo
Maxic Technology Corpor...
MT7930 MAXIC-MT7930 Datasheet
151Kb / 1P
Single Stage, High PFC, AC-DC LED Driver
MT7933 MAXIC-MT7933 Datasheet
180Kb / 1P
Single Stage, High PFC, AC-DC LED Driver
MT79332 MAXIC-MT79332 Datasheet
173Kb / 1P
Single Stage, High PFC, AC-DC LED Driver
MT79335 MAXIC-MT79335 Datasheet
173Kb / 1P
Single Stage, High PFC, AC-DC LED Driver
MT79338 MAXIC-MT79338 Datasheet
172Kb / 1P
Single Stage, High PFC, AC-DC LED Driver
logo
SHOUDING Shouding Semic...
SD7933 SHOUDING-SD7933 Datasheet
1Mb / 6P
Single Stage, High PFC, AC-DC LED Driver
logo
Maxic Technology Corpor...
MT7939 MAXIC-MT7939 Datasheet
82Kb / 1P
Single Stage, High PFC, AC-DC LED Driver
MT79398 MAXIC-MT79398 Datasheet
83Kb / 1P
Single Stage, High PFC, AC-DC LED Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com