Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD1630G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UPSD1630G-S08-R
Description  PSR, SINGLE STAGE, AC-DC LED DRIVER WITH ACTIVE PFC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPSD1630G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UPSD1630G-S08-R Datasheet HTML 1Page - Unisonic Technologies UPSD1630G-S08-R Datasheet HTML 2Page - Unisonic Technologies UPSD1630G-S08-R Datasheet HTML 3Page - Unisonic Technologies UPSD1630G-S08-R Datasheet HTML 4Page - Unisonic Technologies UPSD1630G-S08-R Datasheet HTML 5Page - Unisonic Technologies UPSD1630G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UPSD1630
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-A01.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
STP, VDD, DRV Voltage
-0.3~25
V
All Other Pins Voltage
-0.3~6
V
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55~150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
7.2~18
V
Operating Temperature
TOPR
-40~105
°C
THERMAL RESISTANCE
PARAMETER
SYMBOL
RATINGS
UNIT
Case to Ambient
θCA
128
°C/W
ELECTRICAL CHARACTERISTICS (VDD=12V, TA=25°C unless otherwise stated.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Start-up
Start up Current
ISTART
25
50
μA
Lower Threshold Voltage of VDD
UVLO
VDD Pin Ramp Down
7.2
8.5
V
Start-Up Voltage
VSTART
VDD Pin Ramp Up
17.5
18.5
20
V
Supply Current
Quiescent Current
IQ
No Switching
1.2
mA
Operating Current
ICC
Fs=70kHz
3
mA
Control Loop
Primary Current Sense Voltage
VFB
392
400
408
mV
Upper Limit of COMP
VCOMPH
2.1
2.2
2.4
V
Off Time of DRV
TOFF
10
11
12
μS
Short Circuit Protection Threshold at
DSEN Pin
SCP
200
mV
Over Voltage Protection
Threshold at DSEN
OVP1
3.2
V
Over Voltage Protection
Threshold at VDD pin
OVP2
19.2
23.5
V
Current Sense
Leading Edge Blanking of CS
LEB
300
nS
Over Current Protection at CS Pin
OCP
2.2
2.4
V
Thermal Protection
Over Temperature Protection
OTP
150
°C
Over Temperature Release Hysteresis
15
°C
Drive Stage
Rising Time (Note 1)
TR
CL=1nF, DRV Pin Falls
from VDD to 0V
50
nS
Falling Time (Note 1)
TF
CL=1nF, DRV Pin Rises
from 0V to VDD
30
nS
Note: 1. Guaranteed by design.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com