Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULV1546G-P14-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # ULV1546G-P14-R
Description  20V HIGH CURRENT DRIVE RAIL-TO-RAIL VCOM/GAMMA BUFFER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULV1546G-P14-R Datasheet(HTML) 2 Page - Unisonic Technologies

  ULV1546G-P14-R Datasheet HTML 1Page - Unisonic Technologies ULV1546G-P14-R Datasheet HTML 2Page - Unisonic Technologies ULV1546G-P14-R Datasheet HTML 3Page - Unisonic Technologies ULV1546G-P14-R Datasheet HTML 4Page - Unisonic Technologies ULV1546G-P14-R Datasheet HTML 5Page - Unisonic Technologies ULV1546G-P14-R Datasheet HTML 6Page - Unisonic Technologies ULV1546G-P14-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ULV1546
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R502-962.a
PIN CONFIGURATION
VOUTA
VINA+
VINA-
VS+
VINB+
VINB-
VOUTB
VOUTD
VIND-
VIND+
VS-
VINC+
VINC-
VOUTC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
VOUTA
Output of amplifier-A
2
VINA-
Inverting input of amplifier-A
3
VINA+
Non-inverting input of amplifier-A
4
VS+
Positive power supply
5
VINB+
Non-inverting input of amplifier-B
6
VINB-
Inverting input of amplifier-B
7
VOUTB
Output of amplifier-B
8
VOUTC
Output of amplifier-C
9
VINC-
Inverting input of amplifier-C
10
VINC+
Non-inverting input of amplifier-C
11
VS-
Negative power supply
12
VIND+
Non-inverting input of amplifier-D
13
VIND-
Inverting input of amplifier-D
14
VOUTD
Output of amplifier-D



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com