Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULV1546G-P14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # ULV1546G-P14-R
Description  20V HIGH CURRENT DRIVE RAIL-TO-RAIL VCOM/GAMMA BUFFER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULV1546G-P14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  ULV1546G-P14-R Datasheet HTML 1Page - Unisonic Technologies ULV1546G-P14-R Datasheet HTML 2Page - Unisonic Technologies ULV1546G-P14-R Datasheet HTML 3Page - Unisonic Technologies ULV1546G-P14-R Datasheet HTML 4Page - Unisonic Technologies ULV1546G-P14-R Datasheet HTML 5Page - Unisonic Technologies ULV1546G-P14-R Datasheet HTML 6Page - Unisonic Technologies ULV1546G-P14-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
ULV1546
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-962.a
20V HIGH CURRENT DRIVE
RAIL-TO-RAIL VCOM/GAMMA
BUFFER
DESCRIPTION
The UTC ULV1546 is the quadruple high voltage rail-to-rail
Vcom/Gamma Buffer with low power dissipation. Operating on power
supplies ranging from 5V to 20V, while current consuming is less than
1.2mA / per amplifier. Rail-to-rail output capability and common mode
input ability beyond the rails enable these amplifiers to offer maximum
dynamic range at any supply voltage.
Fast slew rate and settling times, and a high output drive capability
of 300mA peak AC current (sink and source) are also provided by
UTC ULV1546. With so many attractive characteristics, the four
amplifiers inside UTC ULV1546 are ideal for use as voltage reference
buffers in TFT-LCD panel applications for TV, PC, Notebooks, and
mobile computing devices.
FEATURES
* Wide Supply Operation Range +5V~+20V
* Beyond the rails input capability
* Rail-to-rail output swing
* Low supply current, 1.2mA per amplifier (typical)
* Wide bandwidth (unit gain) 30MHz-3dB bandwidth
* 300mA peak output AC current (typ.)
* High slew rate=30V/µs
* Unity-gain stable
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
ULV1546L-P14-T
ULV1546G-P14-T
TSSOP-14
Tube
ULV1546L-P14-R
ULV1546G-P14-R
TSSOP-14
Tape Reel


Similar Part No. - ULV1546G-P14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
ULV1546G-P14-R UTC-ULV1546G-P14-R Datasheet
156Kb / 7P
20V HIGH CURRENT DRIVE RAIL-TO-RAIL VCOM GAMMA BUFFER
More results

Similar Description - ULV1546G-P14-R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5228 INTERSIL-EL5228 Datasheet
124Kb / 3P
VCOM with Dual Gamma Buffer
March 25, 2004
EL5611 INTERSIL-EL5611 Datasheet
251Kb / 12P
60MHz Rail-to-Rail Input-Output VCOM Amplifiers
August 3, 2005
logo
Maxim Integrated Produc...
MAX1886 MAXIM-MAX1886 Datasheet
284Kb / 7P
High-Current VCOM Drive Buffer
Rev 0; 8/01
logo
Global Mixed-mode Techn...
G1561 GMT-G1561 Datasheet
652Kb / 1P
Rail to Rail Input-Output VCOM Buffer
logo
Unisonic Technologies
ULV1546 UTC-ULV1546_15 Datasheet
156Kb / 7P
20V HIGH CURRENT DRIVE RAIL-TO-RAIL VCOM GAMMA BUFFER
logo
Intersil Corporation
EL5224IL INTERSIL-EL5224IL Datasheet
506Kb / 12P
12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
May 11, 2005
logo
uPI Group Inc.
US5505 UPI-US5505 Datasheet
186Kb / 11P
High Slew Rate, High Current Drive Rail to Rail Opration Amplifier
US5506 UPI-US5506 Datasheet
170Kb / 10P
High Slew Rate, High Current Drive Rail to Rail Operation Amplifier
US5507 UPI-US5507 Datasheet
144Kb / 9P
High Slew Rate, High Current Drive Rail to Rail Operation Amplifier
logo
Renesas Technology Corp
EL5228 RENESAS-EL5228 Datasheet
131Kb / 3P
VCOM with Dual Gamma Buffer
March 25, 2004
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com