Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULV1546G-P14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # ULV1546G-P14-R
Description  20V HIGH CURRENT DRIVE RAIL-TO-RAIL VCOM/GAMMA BUFFER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULV1546G-P14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  ULV1546G-P14-R Datasheet HTML 1Page - Unisonic Technologies ULV1546G-P14-R Datasheet HTML 2Page - Unisonic Technologies ULV1546G-P14-R Datasheet HTML 3Page - Unisonic Technologies ULV1546G-P14-R Datasheet HTML 4Page - Unisonic Technologies ULV1546G-P14-R Datasheet HTML 5Page - Unisonic Technologies ULV1546G-P14-R Datasheet HTML 6Page - Unisonic Technologies ULV1546G-P14-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ULV1546
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-962.a
ABSOLUTE MAXIMUM RATING (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage Between VS+ & VS-
VS+-VS-
+21.5
V
Input Voltage
VI
VS- -0.5, VS+ + 0.5
V
Max. Continuous Output Current
IOUT
80
mA
Max. Continuous Output AC Current
IO(AC)
400 (20% Duty Cycle)
mA
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-40~+85
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
(VS+=+5V, VS-=-5V, with RL=10KΩ and CL=10pF, TA=25°C unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
Input Characteristics
Input Offset Voltage
VOS
VCM=0V
3
15
mV
Average Offset Voltage Drift
TCVos
Measured over Operating Temperature
Range
5
µV/°C
Input Bias Current
IB
VCM=0V
2
50
nA
Input Impedance
RIN
1
GΩ
Input Capacitance
CIN
2.0
pF
Common-Mode Input Range
CMIR
-5.5
+5.5
V
Common-Mode Rejection
Ratio
CMRR -5.5V≤VIN≤+5.5V
50
72
dB
Open-Loop Gain
AVOL
-4.5V≤VOUT≤+4.5V
65
78
dB
Output Characteristics
Output Swing Low
VOL
IL=-5mA
-4.94 -4.88
V
Output Swing High
VOH
IL=+5mA
4.88
4.94
V
Peak Output AC Current
IOUT
VOUT Reaches within ±3V from Rails
±300
mA
Power Supply Performance
Power Supply Rejection Ratio
PSRR
VS from ±2.25V to ±7.75V
60
80
dB
Supply Current (Per Amplifier)
IS
No Load
1.2
mA
Dynamic Performance
Slew Rate (Rising & Falling
Edges)
SR
-4.0V≤VOUT≤+4.0V
27
V/µs
Settling to ±0.1% (AV=+1)
ts
VO=2.0V Step @ CL=0pF
100
ns
-3dB Bandwidth
BW
28
MHz
Gain-Bandwidth Product
GBWP
22
MHz
Phase Margin
PM
50
°
Channel Separation
CHS
f=5MHz
90
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com