Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULV1546G-P14-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # ULV1546G-P14-R
Description  20V HIGH CURRENT DRIVE RAIL-TO-RAIL VCOM/GAMMA BUFFER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULV1546G-P14-R Datasheet(HTML) 6 Page - Unisonic Technologies

  ULV1546G-P14-R Datasheet HTML 1Page - Unisonic Technologies ULV1546G-P14-R Datasheet HTML 2Page - Unisonic Technologies ULV1546G-P14-R Datasheet HTML 3Page - Unisonic Technologies ULV1546G-P14-R Datasheet HTML 4Page - Unisonic Technologies ULV1546G-P14-R Datasheet HTML 5Page - Unisonic Technologies ULV1546G-P14-R Datasheet HTML 6Page - Unisonic Technologies ULV1546G-P14-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ULV1546
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R502-962.a
ELECTRICAL CHARACTERISTICS
(VS+=+5V, VS-=0V, with RL=10KΩ and CL=10pF to 2.5V @ TA=25°C unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
Input Characteristics
Input Offset Voltage
VOS
VCM=2.5V
3
15
mV
Average Offset Voltage Drift
TCVos
Measured over Operating Temperature
Range
5
µV/°C
Input Bias Current
IB
VCM=2.5V
2
50
nA
Input Impedance
RIN
1
GΩ
Input Capacitance
CIN
2.0
pF
Common-Mode Input Range
CMIR
-0.5
+5.5
V
Common-Mode Rejection
Ratio
CMRR -0.5V≤VIN≤+5.5V
50
70
dB
Open-Loop Gain
AVOL
+0.5V≤VOUT≤+4.5V
60
70
dB
Output Characteristics
Output Swing Low
VOL
IL=-5mA
70
140
mV
Output Swing High
VOH
IL=+5mA
4.86
4.94
V
Peak Output AC Current
IOUT
VOUT Reaches within ±3V from Rails
±300
mA
Power Supply Performance
Power Supply Rejection Ratio
PSRR
VS from +4.5V to+15.5V
60
80
dB
Supply Current (Per Amplifier)
IS
No Load
1.0
mA
Dynamic Performance
Slew Rate (Rising & Falling
Edges)
SR
+1.0V≤VOUT≤+4.0V
25
V/µs
Settling to ±0.1% (AV=+1)
ts
VO=2.0V Step @ CL=0pF
100
ns
-3dB Bandwidth
BW
25
MHz
Gain-Bandwidth Product
GBWP
20
MHz
Phase Margin
PM
50
°
Channel Separation
CHS
f=5MHz
90
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com