Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C01C Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT24C01C
Description  I2C-Compatible (2-wire) Serial EEPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01C Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT24C01C Datasheet HTML 10Page - ATMEL Corporation AT24C01C Datasheet HTML 11Page - ATMEL Corporation AT24C01C Datasheet HTML 12Page - ATMEL Corporation AT24C01C Datasheet HTML 13Page - ATMEL Corporation AT24C01C Datasheet HTML 14Page - ATMEL Corporation AT24C01C Datasheet HTML 15Page - ATMEL Corporation AT24C01C Datasheet HTML 16Page - ATMEL Corporation AT24C01C Datasheet HTML 17Page - ATMEL Corporation AT24C01C Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
14
Atmel AT24C01C/02C [DATASHEET]
8700F–SEEPR–6/12
12.
Ordering Codes
12.1 Atmel AT24C01C Ordering Information
Notes: 1. B = Bulk (tubes)
2. T = Tape and reel
SOIC = 4K per reel
TSSOP, UDFN, SOT23, and VFBGA = 5K per reel
3. For Wafer sales, please contact Atmel Sales.
Ordering Code
Package
Voltage
Operation Range
AT24C01C-PUM
(Bulk Form Only)
8P3
1.7V to 5.5V
Lead-free/Halogen-free/
Industrial Temperature
(–40
C to 85C)
AT24C01C-SSHM-B(1)
(NiPdAu Lead Finish)
8S1
AT24C01C-SSHM-T(2)
(NiPdAu Lead Finish)
8S1
AT24C01C-XHM-B(1)
(NiPdAu Lead Finish)
8X
AT24C01C-XHM-T(2)
(NiPdAu Lead Finish)
8X
AT24C01C-MAHM-T(2)
(NiPdAu Lead Finish)
8MA2
AT24C01C-STUM-T(2)
5TS1
AT24C01C-CUM-T(2)
8U3-1
AT24C01C-WWU11M(3)
Wafer Sale
Industrial Temperature
(–40
C to 85C)
Package Type
8P3
8-lead, 0.300" wide, Plastic Dual Inline (PDIP)
8S1
8-lead, 0.150" wide, Plastic Gull Wing Small Outline (JEDEC SOIC)
8X
8-lead, 4.4mm body, Plastic Thin Shrink Small Outline (TSSOP)
8MA2
8-lead, 2.00mm x 3.00mm body, 0.50mm Pitch, Ultra Thin Dual Flat No Lead (UDFN)
5TS1
5-lead, 2.90mm x 1.60mm body, Plastic Thin Shrink Small Outline (SOT23)
8U3-1
8-ball, die Ball Grid Array (VFBGA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com