Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C01C Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT24C01C
Description  I2C-Compatible (2-wire) Serial EEPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01C Datasheet(HTML) 2 Page - ATMEL Corporation

  AT24C01C Datasheet HTML 1Page - ATMEL Corporation AT24C01C Datasheet HTML 2Page - ATMEL Corporation AT24C01C Datasheet HTML 3Page - ATMEL Corporation AT24C01C Datasheet HTML 4Page - ATMEL Corporation AT24C01C Datasheet HTML 5Page - ATMEL Corporation AT24C01C Datasheet HTML 6Page - ATMEL Corporation AT24C01C Datasheet HTML 7Page - ATMEL Corporation AT24C01C Datasheet HTML 8Page - ATMEL Corporation AT24C01C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2
Atmel AT24C01C/02C [DATASHEET]
8700F–SEEPR–6/12
1.
Pin Configurations and Pinouts
Note:
1. For use of 5-lead SOT23, the software A2, A1, and A0 bits in the device address word must be set to zero to
properly communicate.
2.
Absolute Maximum Ratings
Pin Name
Function
A0 - A2
Address Inputs
SDA
Serial Data
SCL
Serial Clock Input
WP
Write Protect
GND
Ground
VCC
Power Supply
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
8-lead SOIC
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
8-lead PDIP
1
2
3
5
4
SCL
GND
SDA
WP
VCC
5-lead SOT23
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
A0
A1
A2
GND
8-lead UDFN
Bottom View
VCC
WP
SCL
SDA
A0
A1
A2
GND
1
2
3
4
8
7
6
5
8-ball VFBGA
Bottom View
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
8-lead TSSOP
(1)
Operating Temperature ........................–55
C to +125C
Storage Temperature ...........................–65
C to +150C
Voltage on any pin
with respect to ground .............................–1.0V to +7.0V
Maximum Operating Voltage ................................. 6.25V
DC Output Current................................................ 5.0mA
*Notice: Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only
and functional operation of the device at these or
any other conditions beyond those indicated in
the operational sections of this specification is
not implied. Exposure to absolute maximum
rating conditions for extended periods may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com