Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C01C Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT24C01C
Description  I2C-Compatible (2-wire) Serial EEPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01C Datasheet(HTML) 5 Page - ATMEL Corporation

  AT24C01C Datasheet HTML 1Page - ATMEL Corporation AT24C01C Datasheet HTML 2Page - ATMEL Corporation AT24C01C Datasheet HTML 3Page - ATMEL Corporation AT24C01C Datasheet HTML 4Page - ATMEL Corporation AT24C01C Datasheet HTML 5Page - ATMEL Corporation AT24C01C Datasheet HTML 6Page - ATMEL Corporation AT24C01C Datasheet HTML 7Page - ATMEL Corporation AT24C01C Datasheet HTML 8Page - ATMEL Corporation AT24C01C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
Atmel AT24C01C/02C [DATASHEET]
8700F–SEEPR–6/12
Table 5-3.
AC Characteristics
Note:
1. This parameter is ensured by characterization only.
2. AC measurement conditions:
RL (connects to VCC): 1.3 k (2.5V, 5V), 10 k (1.7V)
Input pulse voltages: 0.3 VCC to 0.7 VCC
Input rise and fall times:
 50ns
Input and output timing reference voltages: 0.5 VCC
Applicable over recommended operating range from TAI = –40C to +85C, VCC = 1.7V to 5.5V, CL = 1TTL Gate and
100pF (unless otherwise noted). Test conditions are listed in Note 2.
Symbol
Parameter
1.7V
2.5V,5.0V
Units
Min
Max
Min
Max
fSCL
Clock Frequency, SCL
400
1000
kHz
tLOW
Clock Pulse Width Low
1.2
0.4
μs
tHIGH
Clock Pulse Width High
0.6
0.4
μs
tI
Noise Suppression Time
100
50
ns
tAA
Clock Low to Data Out Valid
0.1
0.9
0.05
0.55
μs
tBUF
Time the bus must be free before a new
transmission can start.
1.2
0.5
μs
tHD.STA
Start Hold Time
0.6
0.25
μs
tSU.STA
Start Setup Time
0.6
0.25
μs
tHD.DAT
Data In Hold Time
0
0
μs
tSU.DAT
Data In Setup Time
100
100
ns
tR
Inputs Rise Time(1)
0.3
0.3
μs
tF
Inputs Fall Time(1)
300
100
ns
tSU.STO
Stop Setup Time
0.6
.25
μs
tDH
Data Out Hold Time
50
50
ns
tWR
Write Cycle Time
5
5
ms
Endurance(1)
3.3V, +25
C, Page Mode
1,000,000
Write Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com