Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C01C Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT24C01C
Description  I2C-Compatible (2-wire) Serial EEPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01C Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT24C01C Datasheet HTML 15Page - ATMEL Corporation AT24C01C Datasheet HTML 16Page - ATMEL Corporation AT24C01C Datasheet HTML 17Page - ATMEL Corporation AT24C01C Datasheet HTML 18Page - ATMEL Corporation AT24C01C Datasheet HTML 19Page - ATMEL Corporation AT24C01C Datasheet HTML 20Page - ATMEL Corporation AT24C01C Datasheet HTML 21Page - ATMEL Corporation AT24C01C Datasheet HTML 22Page - ATMEL Corporation AT24C01C Datasheet HTML 23Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
22
Atmel AT24C01C/02C [DATASHEET]
8700F–SEEPR–6/12
14.
Revision History
Doc. Rev.
Date
Comments
8700F
06/2012
Correct ordering codes:
- AT24C01C-WWU11, Die Sale to AT24C01C-WWU11M, Wafer Sale.
- AT24C02C-WWU11, Die Sale to AT24C02C-WWU11M, Wafer Sale.
Remove WDT from ordering code detail.
Update Atmel logos and disclaimer page.
8700E
05/2012
Update datasheet template.
Add AT24C01C to document.
Electrical performance improvements:
- Reduce all ISB from legacy values
- Increase 1MHz frequency range to include 2.5V operation.
Update package drawings to latest versions (where applicable) and selected waveforms.
8700D
08/2010
Change AT24C02C-XHM Part Marking from C02CM@ to 02CM @.
8700C
07/2010
Ordering Information:
- Change Atmel AT24C02C-TSUM-T to Atmel AT24C02C-STUM-T.
- Change Atmel AT24C02CY6-MAHM-T to Atmel AT24C02C-MAHM-T.
- Change Atmel AT24C02CU3-CUM-T to Atmel AT24C02C-CUM-T.
Catalog numbering scheme, change TS = SOT23 to ST = SOT23.
Part marking SOT23:
- Change 2CMWU to 2CMBU.
- Change W = Write Protection Feature to B = Write Protection.
Part marking PDIP and SOIC: Added @ = Country of Assembly.
Part marking TSSOP: Replaced and removed bottom mark.
Part marking UDFN: Added HM@.
Remove preliminary status.
Change tI Max 40 to 50 in Table AC Characteristics.
8700B
02/2010
Correct catalog numbering scheme and ordering information.
8700A
12/2009
Initial document release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com