Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV341 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV341
Description  RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV341 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMV341_14 Datasheet HTML 1Page - National Semiconductor (TI) LMV341_14 Datasheet HTML 2Page - National Semiconductor (TI) LMV341_14 Datasheet HTML 3Page - National Semiconductor (TI) LMV341_14 Datasheet HTML 4Page - National Semiconductor (TI) LMV341_14 Datasheet HTML 5Page - National Semiconductor (TI) LMV341_14 Datasheet HTML 6Page - National Semiconductor (TI) LMV341_14 Datasheet HTML 7Page - National Semiconductor (TI) LMV341_14 Datasheet HTML 8Page - National Semiconductor (TI) LMV341_14 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
LMV341, LMV342, LMV344
SLOS447H – SEPTEMBER 2004 – REVISED JUNE 2012
www.ti.com
ELECTRICAL CHARACTERISTICS
V+ = 2.7 V, GND = 0 V, VIC = VO = V+/2, RL > 1 MΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP(1)
MAX
UNIT
25°C
0.25
4
VIO
Input offset voltage
mV
Full range
4.5
Average temperature coefficient
αVIO
Full range
1.7
μV/°C
of input offset voltage
25°C
1
120
pA
IIB
Input bias current
–40°C to 85°C
250
–40°C to 125°C
3
nA
IIO
Input offset current
25°C
6.6
fA
0
≤ VICR ≤ 1.7 V
25°C
56
80
CMRR
Common-mode rejection ratio
dB
0
≤ VICR ≤ 1.6 V
Full range
50
25°C
65
82
kSVR
Supply-voltage rejection ratio
2.7 V
≤ V+ ≤ 5 V
dB
Full range
60
Common-mode input voltage
–0.2
VICR
CMRR
≥ 50 dB
25°C
0
1.7
V
range
to 1.9
25°C
78
113
RL = 10 kΩ to 1.35 V
Full range
70
AV
Large-signal voltage gain(2)
dB
25°C
72
103
RL = 2 kΩ to 1.35 V
Full range
64
25°C
24
60
Low level
Full range
95
RL = 2 kΩ to 1.35 V
25°C
26
60
High level
Full range
95
Output swing
VO
mV
(delta from supply rails)
25°C
5
30
Low level
Full range
40
RL = 10 kΩ to 1.35 V
25°C
5.3
30
High level
Full range
40
25°C
100
170
ICC
Supply current (per channel)
μA
Full range
230
LMV341,
20
32
LMV342
Sourcing
IOS
Output short-circuit current
25°C
mA
LMV344
18
24
Sinking
15
24
SR
Slew rate
RL = 10 kΩ
(3)
25°C
1
V/
μs
GBM
Unity-gain bandwidth
RL = 10 kΩ, CL = 200 pF
25°C
1
MHz
Φm
Phase margin
RL = 100 kΩ
25°C
72
deg
Gm
Gain margin
RL = 100 kΩ
25°C
20
dB
Vn
Equivalent input noise voltage
f = 1 kHz
25°C
40
nV/
√Hz
In
Equivalent input noise current
f = 1 kHz
25°C
0.001
pA/
√Hz
f = 1 kHz, AV = 1,
THD
Total harmonic distortion
25°C
0.017
%
RL = 600 Ω, VI = 1 VPP
(1)
Typical values represent the most likely parametric norm.
(2)
GND + 0.2 V
≤ VO ≤ V+ – 0.2 V
(3)
Connected as voltage follower with 2-VPP step input. Number specified is the slower of the positive and negative slew rates.
4
Submit Documentation Feedback
Copyright © 2004–2012, Texas Instruments Incorporated
Product Folder Link(s): LMV341 LMV342 LMV344



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com