Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV341 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV341
Description  RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV341 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV341_14 Datasheet HTML 1Page - National Semiconductor (TI) LMV341_14 Datasheet HTML 2Page - National Semiconductor (TI) LMV341_14 Datasheet HTML 3Page - National Semiconductor (TI) LMV341_14 Datasheet HTML 4Page - National Semiconductor (TI) LMV341_14 Datasheet HTML 5Page - National Semiconductor (TI) LMV341_14 Datasheet HTML 6Page - National Semiconductor (TI) LMV341_14 Datasheet HTML 7Page - National Semiconductor (TI) LMV341_14 Datasheet HTML 8Page - National Semiconductor (TI) LMV341_14 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
LMV341 . . . DBV (SOT-23) OR DCK (SC-70) PACKAGE
(TOP VIEW)
1
2
3
6
5
4
IN+
GND
IN−
V+
SHDN
OUT
1
2
3
4
8
7
6
5
1OUT
1IN−
1IN+
GND
V+
2OUT
2IN−
2IN+
LMV342 . . . D (SOIC) OR DGK (MSOP) PACKAGE
(TOP VIEW)
LMV344 . . . D (SOIC) OR PW (TSSOP) PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN−
1IN+
V+
2IN+
2IN−
2OUT
4OUT
4IN−
4IN+
GND
3IN+
3IN−
3OUT
LMV341, LMV342, LMV344
www.ti.com
SLOS447H – SEPTEMBER 2004 – REVISED JUNE 2012
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
WITH SHUTDOWN
Check for Samples: LMV341, LMV342, LMV344
1
FEATURES
•
2.7-V and 5-V Performance
•
Rail-to-Rail Output Swing
•
Input Bias Current…1 pA Typ
•
Input Offset Voltage…0.25 mV Typ
•
Low Supply Current…100
μA Typ
•
Low Shutdown Current…45 pA Typ
•
Gain Bandwidth of 1 MHz Typ
•
Slew Rate…1 V/
μs Typ
•
Turn-On Time From Shutdown…5
μs Typ
•
Input Referred Voltage Noise (at 10 kHz)…
20 nV/
√Hz
•
ESD Protection Exceeds JESD 22
–
2000-V Human-Body Model (A114-A)
–
200-V Machine Model (A115-A)
APPLICATIONS
•
Cordless/Cellular Phones
•
Consumer Electronics (Laptops, PDAs)
•
Audio Pre-Amps for Voice
•
Portable/Battery-Powered Electronic
Equipment
•
Supply-Current Monitoring
•
Battery Monitoring
•
Buffers
•
Filters
•
Drivers
DESCRIPTION/ORDERING INFORMATION
The LMV341, LMV342, LMV344 devices are single, dual, and quad CMOS operational amplifiers, respectively,
with low voltage, low power, and rail-to-rail output swing capabilities. The PMOS input stage offers an ultra-low
input bias current of 1 pA (typ) and an offset voltage of 0.25 mV (typ). The single supply amplifier is designed
specifically for low-voltage (2.7 V to 5 V) operation, with a wide common-mode input voltage range that typically
extends from –0.2 V to 0.8 V from the positive supply rail. The LMV341 (single) also offers a shutdown (SHDN)
pin that can be used to disable the device. In shutdown mode, the supply current is reduced to 33 nA (typ).
Additional features of the family are a 20-nV/
√Hz voltage noise at 10 kHz, 1-MHz unity-gain bandwidth, 1-V/μs
slew rate, and 100-
μA current consumption per channel.
Offered in both the SOT-23 and smaller SC-70 packages, the LMV341 is suitable for the most space-constraint
applications. The LMV342 dual device is offered in the standard SOIC and MSOP packages. An extended
industrial temperature range from –40°C to 125°C makes these devices suitable in a wide variety of commercial
and industrial environments.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMV341_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV341-N NSC-LMV341-N Datasheet
1Mb / 28P
Single with Shutdown/Dual/Quad General Purpose, 2.7V,Rail-to-Rail Output, 125째C, Operational Amplifiers
logo
Texas Instruments
LMV341-N TI1-LMV341-N Datasheet
1Mb / 30P
Shutdown/Dual/Quad General Purpose
LMV341-N TI1-LMV341-N_16 Datasheet
1Mb / 35P
Single Rain-to-Rail Output CMOS Operation Amplifier With Shutdown
LMV341-Q1 TI1-LMV341-Q1 Datasheet
680Kb / 24P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
LMV341-Q1 TI-LMV341-Q1 Datasheet
996Kb / 30P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
JUNE 2009
More results

Similar Description - LMV341_14

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8591 AD-AD8591 Datasheet
227Kb / 15P
CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV.A
logo
Texas Instruments
TLV341 TI-TLV341 Datasheet
685Kb / 24P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
LMV341 TI-LMV341 Datasheet
871Kb / 27P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341_07 Datasheet
719Kb / 24P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341_10 Datasheet
1Mb / 33P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341_101 TI-TLV341_101 Datasheet
1Mb / 34P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Analog Devices
AD8592ARMZ-REEL AD-AD8592ARMZ-REEL Datasheet
408Kb / 16P
CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
AD8592 AD-AD8592_15 Datasheet
408Kb / 16P
CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
AD8594 AD-AD8594_15 Datasheet
408Kb / 16P
CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
logo
Texas Instruments
TLV341 TI1-TLV341_V01 Datasheet
2Mb / 40P
TLV34xx Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers With Shutdown
REVISED APRIL 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com