Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV341 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV341
Description  RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV341 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LMV341_14 Datasheet HTML 11Page - National Semiconductor (TI) LMV341_14 Datasheet HTML 12Page - National Semiconductor (TI) LMV341_14 Datasheet HTML 13Page - National Semiconductor (TI) LMV341_14 Datasheet HTML 14Page - National Semiconductor (TI) LMV341_14 Datasheet HTML 15Page - National Semiconductor (TI) LMV341_14 Datasheet HTML 16Page - National Semiconductor (TI) LMV341_14 Datasheet HTML 17Page - National Semiconductor (TI) LMV341_14 Datasheet HTML 18Page - National Semiconductor (TI) LMV341_14 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
−0.25
−0.2
−0.15
−0.1
−0.05
0
0.05
0.1
Input
TA = 25°C
RL = 2 kΩ
V+/GND = ±2.5 V
Output
−0.1
−0.05
0
0.05
0.1
0.15
0.2
0.25
4
µs/div"
−6
−5
−4
−3
−2
−1
0
2
1
Input
Output
TA = 25°C
RL = 2 kΩ
V+/GND = ±2.5 V
−2
−1
0
1
2
3
4
5
6
4
µs/div"
−6
−5
−4
−3
−2
−1
0
2
1
Input
Output
TA = −40°C
RL = 2 kΩ
V+/GND = ±2.5 V
−2
−1
0
1
2
3
4
5
6
4
µs/div"
−0.25
−0.2
−0.15
−0.1
−0.05
0
0.05
0.1
Input
TA = −40°C
RL = 2 kΩ
V+/GND = ±2.5 V
Output
−0.1
−0.05
0
0.05
0.1
0.15
0.2
0.25
4
µs/div"
LMV341, LMV342, LMV344
www.ti.com
SLOS447H – SEPTEMBER 2004 – REVISED JUNE 2012
TYPICAL CHARACTERISTICS (continued)
SMALL-SIGNAL NONINVERTING RESPONSE
LARGE-SIGNAL NONINVERTING RESPONSE
Figure 26.
Figure 27.
SMALL-SIGNAL NONINVERTING RESPONSE
LARGE-SIGNAL NONINVERTING RESPONSE
Figure 28.
Figure 29.
Copyright © 2004–2012, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): LMV341 LMV342 LMV344



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com