Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV341 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV341
Description  RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV341 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMV341_14 Datasheet HTML 5Page - National Semiconductor (TI) LMV341_14 Datasheet HTML 6Page - National Semiconductor (TI) LMV341_14 Datasheet HTML 7Page - National Semiconductor (TI) LMV341_14 Datasheet HTML 8Page - National Semiconductor (TI) LMV341_14 Datasheet HTML 9Page - National Semiconductor (TI) LMV341_14 Datasheet HTML 10Page - National Semiconductor (TI) LMV341_14 Datasheet HTML 11Page - National Semiconductor (TI) LMV341_14 Datasheet HTML 12Page - National Semiconductor (TI) LMV341_14 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
0.001
0.01
0.1
1
10
VO − Output Voltage Referenced to V− (V)
V+ = 5 V
125
°C
−40
°C
85
°C
25
°C
0.01
0.1
1
10
100
1000
0.001
0.01
0.1
1
10
VO − Output Voltage Referenced to V− (V)
V+ = 2.7 V
125
°C
−40
°C
85
°C
25
°C
0.01
0.1
1
10
100
1000
0.001
0.01
0.1
1
10
VO − Output Voltage Referenced to V+ (V)
V+ = 2.7 V
125
°C
−40
°C
85
°C
25
°C
0.01
0.1
1
10
100
1000
0.001
0.01
0.1
1
10
VO − Output Voltage Referenced to V+ (V)
V+ = 5 V
125
°C
−40
°C
85
°C
25
°C
0.01
0.1
1
10
100
1000
LMV341, LMV342, LMV344
www.ti.com
SLOS447H – SEPTEMBER 2004 – REVISED JUNE 2012
TYPICAL CHARACTERISTICS (continued)
SOURCE CURRENT
SOURCE CURRENT
vs
vs
OUTPUT VOLTAGE
OUTPUT VOLTAGE
Figure 6.
Figure 7.
SINK CURRENT
SINK CURRENT
vs
vs
OUTPUT VOLTAGE
OUTPUT VOLTAGE
Figure 8.
Figure 9.
Copyright © 2004–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): LMV341 LMV342 LMV344



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com