Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3S-R31 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # E3S-R31
Description  Ideal for Detecting Glass Wafers and Other Transparent Objects
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-R31 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button E3S-R31 Datasheet HTML 3Page - Omron Electronics LLC E3S-R31 Datasheet HTML 4Page - Omron Electronics LLC E3S-R31 Datasheet HTML 5Page - Omron Electronics LLC E3S-R31 Datasheet HTML 6Page - Omron Electronics LLC E3S-R31 Datasheet HTML 7Page - Omron Electronics LLC E3S-R31 Datasheet HTML 8Page - Omron Electronics LLC E3S-R31 Datasheet HTML 9Page - Omron Electronics LLC E3S-R31 Datasheet HTML 10Page - Omron Electronics LLC E3S-R31 Datasheet HTML 11Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
E3S-R
8
Dimensions
Sensors
Compact Horizontal Models with Plastic Housing
(Unit: mm)
Tolerance class IT16 applies to dimensions in this datasheet unless otherwise specified.
42.3
15.2
2.3
16.9
10.7
12
12.4
16.5
Stability indicator
(green)
Light indicator (red)
Sensitivity adjuster (white)
7.2
Stainless steel (SUS304)
Two mounting holes
Dark-ON (ON when
light is not received)
Lens (7
× 14)
Receiver
Emitter
Optical
axis
Operation selector (black)
Light-ON
(ON when light
is received.)
*1. 40.0 for the E3S-R12
*2. 12.9 for the E3S-R12.
DL
3.2
3.2 7.2
4.8
5
10.5
1.3
21
11.5
1.2
9
10.7
19.7
29.2
Two, M3
× 12
20
30
7
(4)
20
Two, M3
(A)*3
*3. The mounting bracket can be attached to this side.
*4. Not available on the E3S-R12.
Optical axis
4-dia. vinyl-insulated round cable with 3 conductors
(Conductor cross section: 0.2 mm2,
Insulator diameter: 1.1 mm),
Standard length: 2 m
*1
*2
*4
With Mounting Bracket Attached
Mounting Holes
Pre-wired Models
E3S-R11, E3S-R12
E3S-R31
1
4
3
2
42.3
15.2
2.3
16.9
10.7
12
12.4
16.5
Light indicator (red)
*1
*2
Sensitivity adjuster
7.2
Stainless steel (SUS304)
Two mounting holes
Dark-ON (ON when
light is not received)
Lens (7
× 14)
Receiver
Emitter
Optical
axis
Operation selector (black)
Light-ON
(ON when light
is received)
DL
3.2
3.2 7.2
4.8
5
10.5
1.3
21
11.5
1.2
9
10.7
19.7
29.2
Two, M3
× 12
20
30
7
(10)
M12 Connector
*3. The mounting bracket can be attached to this side.
*4. Not available on the E3S-R17.
20
Two, M3
(A)*3
Stability indicator (green)
Optical axis
*1. 40.0 for E3S-R17.
*2. 12.9 for E3S-R17.
*4
With Mounting Bracket Attached
Mounting Holes
Standard Connector Models
E3S-R16, E3S-R17
E3S-R36



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com