Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3S-R31 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # E3S-R31
Description  Ideal for Detecting Glass Wafers and Other Transparent Objects
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-R31 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E3S-R31 Datasheet HTML 3Page - Omron Electronics LLC E3S-R31 Datasheet HTML 4Page - Omron Electronics LLC E3S-R31 Datasheet HTML 5Page - Omron Electronics LLC E3S-R31 Datasheet HTML 6Page - Omron Electronics LLC E3S-R31 Datasheet HTML 7Page - Omron Electronics LLC E3S-R31 Datasheet HTML 8Page - Omron Electronics LLC E3S-R31 Datasheet HTML 9Page - Omron Electronics LLC E3S-R31 Datasheet HTML 10Page - Omron Electronics LLC E3S-R31 Datasheet HTML 11Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
E3S-R
9
Compact Vertical Models with Plastic Housing
40
17
16.9
10.7
7.2
12
12.4
16.5
Receiver
Lens (7
× 14)
Optical axis
Emitter
Optical axis
7.2
Stainless steel (SUS304)
Use these two
holes for mounting.
Four mounting holes
Dark-ON (ON when
light is not received)
Stability indicator
(green)
Light indicator (red)
Sensitivity adjuster
Operation selector (black)
Light-ON
(ON when light
is received)
DL
20
3.1
3.6
5.5 5.4
23.3
5.9
7
1.2
10.7
31.5
Two, M3
× 12
20±0.2
10.5
1.3
41.7
4.8
(4)
(A)*4
*4. The mounting bracket can be attached to this side.
*5. Not available on the E3S-R62.
20
Two, M3
4-dia. vinyl-insulated round cable with 3 conductors
(Conductor cross section: 0.2 mm2,
Insulator diameter: 1.1 mm),
Standard length: 2 m
*1
*2
*3
*1. 21.0 for the E3S-R62.
*2. 3.6 for the E3S-R62.
*3. 29.2 for the E3S-R62.
*5
With Mounting Bracket Attached
Mounting Holes
Pre-wired Models
E3S-R61, E3S-R62
E3S-R81
1
4
3
2
40
17
19.4
10.7
7.2
12
14.9
16.5
Receiver
Lens (7
× 14)
Optical axis
Emitter
Optical axis
7.2
Stainless steel (SUS304)
Use these two
holes for mounting.
Four mounting holes
Dark-ON (ON when
light is not received)
Stability indicator (green)
Light indicator (red)
Sensitivity adjuster
Operation selector (black)
Light-ON
(ON when light is received)
DL
20
3.1
3.6
23.3
5.9
7
E39-L60 Close Mounting Plate (provided)
(Attach the mounting plate or the
plug cannot be connected.)
1.2
10.7
31.5
Two, M3
× 12
20±0.2
10.5
1.3
41.7
(10)
M12 Connector
(A)*4
*4. The mounting bracket can be attached to this side.
*5. Not available on the E3S-R67.
20
Two, M3
*1
*2
*3
*1. 21.0 for the E3S-R67.
*2. 3.6 for the E3S-R67.
*3. 29.2 for the E3S-R67.
*5
With Mounting Bracket Attached
Mounting Holes
Standard Connector Models
E3S-R66, E3S-R67
E3S-R86



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com