Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3S-R31 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E3S-R31
Description  Ideal for Detecting Glass Wafers and Other Transparent Objects
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-R31 Datasheet(HTML) 2 Page - Omron Electronics LLC

  E3S-R31 Datasheet HTML 1Page - Omron Electronics LLC E3S-R31 Datasheet HTML 2Page - Omron Electronics LLC E3S-R31 Datasheet HTML 3Page - Omron Electronics LLC E3S-R31 Datasheet HTML 4Page - Omron Electronics LLC E3S-R31 Datasheet HTML 5Page - Omron Electronics LLC E3S-R31 Datasheet HTML 6Page - Omron Electronics LLC E3S-R31 Datasheet HTML 7Page - Omron Electronics LLC E3S-R31 Datasheet HTML 8Page - Omron Electronics LLC E3S-R31 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
E3S-R
2
Models with Metal Housing (Refer to Dimensions on page 10.)
* The E3S-R may not detect some glass wafer materials or plastic bottle shapes. Before using the E3S-R, be sure to test it on samples to make sure it can detect the
items reliably.
Accessories (Order Separately)
Sensitivity Adjuster/Screwdriver (Refer to Dimensions on E39-L/F39-L/E39-S/E39-R.)
Reflector (Refer to Dimensions on E39-L/F39-L/E39-S/E39-R.)
Note: Refer to Reflectors on E39-L/F39-L/E39-S/E39-R for details.
Mounting Brackets and Other Products (Refer to Dimensions on E39-L/F39-L/E39-S/E39-R.)
Sensing
method
Appearance
Connection
method
Sensing distance
Model
Recommended application *
Flat object
Cylindrical object
Detecting glass wafers
and LCD glass circuit
boards
Detecting plastic bot-
tles and other trans-
parent containers
Retro-
reflective
Pre-wired
E3S-RS30E4
---
Ideal
E3S-R1E4
---
Applicable
E3S-RS30E42
---
Ideal
E3S-R1E42
---
Applicable
Name
Model
Quantity
Remarks
Sensitivity adjuster
E39-G1
1
Provided with the E3S-RS30E4
@ and E3S-R1E4@.
Screwdriver for sensitivity
adjustment
E39-G2
1
Provided with the E3S-R1
@, E3S-R3@, E3S-R6@, and E3S-R8@.
Name
Sensing distance
Model
Quantity
Remarks
Reflector
Refer to Ratings and
Specifications.
E39-R1
1
Provided with the E3S-R.
Appear-
ance
Model
Quantity
Remarks
E39-L69
1
Provided with the E3S-R1
@ and E3S-R3@.
E39-L70
1
Provided with the E3S-R6
@ and E3S-R8@.
E39-L6
1
Provided with the E3S-RS30E4
@ and E3S-R1E4@.
E39-L2
1
Can be used with the E3S-RS30E4
@ and E3S-R1E4@.
E39-L97
1
Horizontal protective cover bracket
Can be used for compact models with plastic housing.
Refer to E39-L
@.
E39-L98
1
Vertical protective cover bracket
Can be used for compact models with plastic housing.
Refer to E39-L
@.
E39-L60
1
Close Mounting Plate
Provided with the E3S-R
@6 and E3S-R@7.
Red light
Horizontal
300 mm
1 m
Vertical
300 mm
1 m
Note: 1. When using through-beam models, order
one bracket for the Receiver and one for
the Emitter.
2. Refer to Mounting Brackets on E39-L/
F39-L/E39-S/E39-R for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com