Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3S-R31 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E3S-R31
Description  Ideal for Detecting Glass Wafers and Other Transparent Objects
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-R31 Datasheet(HTML) 4 Page - Omron Electronics LLC

  E3S-R31 Datasheet HTML 1Page - Omron Electronics LLC E3S-R31 Datasheet HTML 2Page - Omron Electronics LLC E3S-R31 Datasheet HTML 3Page - Omron Electronics LLC E3S-R31 Datasheet HTML 4Page - Omron Electronics LLC E3S-R31 Datasheet HTML 5Page - Omron Electronics LLC E3S-R31 Datasheet HTML 6Page - Omron Electronics LLC E3S-R31 Datasheet HTML 7Page - Omron Electronics LLC E3S-R31 Datasheet HTML 8Page - Omron Electronics LLC E3S-R31 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
E3S-R
4
Engineering Data (Typical)
Parallel Operating Range
Retro-reflective
Retro-reflective
Retro-reflective
E3S-R12, E3S-R62 + E39-R1
(Supplied Reflector)
E3S-R
@1, E3S-R@6 + E39-R1
(Supplied Reflector)
E3S-RS30E4
@ + E39-R1
(Supplied Reflector)
Retro-reflective
Excess Gain vs. Set Distance
E3S-R1E4
@ + E39-R1
(Supplied Reflector)
E3S-R12, E3S-R62 + E39-R1
(Supplied Reflector)
E3S-R
@1, E3S-R@6 + E39-R1
(Supplied Reflector)
E3S-RS30E4
@ + E39-R1
(Supplied Reflector)
E3S-R1E4
@ + E39-R1
(Supplied Reflector)
30
20
10
0
−10
−20
−30
Set distance X (mm)
100
200
300
400
500
600
700
Reflector E39-R1
Y
X
60
40
20
0
−20
−40
−60
Set distance X (m)
0.4
0.8
1.2
1.6
2.0
Reflector: E39-R1
Y
X
40
30
20
10
0
−10
−20
−30
−40
Set distance X (mm)
100
200
300
400
500
Reflector: E39-R1
Y
X
15
10
5
0
−5
−10
−15
0.4
0.8
1.2
1.6
2
Reflector: E39-R1
Set distance X
(m)
Y
X
6
5
4
3
2
1
0
100
200
300
400
500
Distance (mm)
Reflector: E39-R1
6
5
4
3
2
1
0
0.4
0.8
1.2
1.6
2.0
Reflector: E39-R1
Distance (m)
0
100
200
300
400
500
100
50
30
10
5
3
1
0.5
0.3
0.1
Reflector: E39-R1
Distance X (mm)
0
0.5
1
1.5
2
2.5
100
50
30
10
5
3
1
0.5
0.3
0.1
Reflector: E39-R1
Distance X (m)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com