Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS403 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS403
Description  5V, 750mA Linear Regulator with RESET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS403 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS403 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS403 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS403 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS403 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS403 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS403 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Electrical Characteristics : Refer to the test circuit, -40¡C ² TC ² 125¡C, -40 ² TJ ² 150¡C, 7V ² VIN ² 10V unless otherwise specified
td = Cd x VDTC/Ich
= CDelay x 2.105 (typical)
where:
td
=
Time delay
Cd
=
Value of external charging capacitor (see test circuit).
VDTC
=
Delay threshold charge
Ich
=
Reset delay capacitor charging current.
Output Voltage, VOUT
VIN = 8.5V, IOUT = 250mA
TJ = 25¡C
4.95
5.00
5.05
V
100mA ² IOUT ² 750mA
4.85
5.00
5.15
Operating Input Voltage
100 to 750mA
-0.75
18.0
V
Load Regulation
100mA ² IOUT ² 750mA, VIN = 8.5V
30
100
mV
Dropout Voltage
IOUT = 750mA
1.4
1.8
V
Quiescent Current
IOUT = 0mA
3
4
mA
IOUT = 750mA
5
25
mA
PSRR
IOUT-250mA f = 120Hz
70
dB
COUT = 10µF, VIN = 8.5V±Vpp
Output Short Circuit Current
1
A
Reset Output Voltage
IR = 1.6mA 1.0 ² VOUT ² 4.75V
0.08
0.40
V
Reset Output Leakage Current VOUT in regulation
0
50
µA
Delay Time for Reset Output
Cd = 100nF
10
20
30
ms
Reset Threshold: VRTH
VOUT Increasing
VOUT-0.04
V
VRTL
VOUT Decreasing
4.75
V
Threshold Hysteresis
10
50
mV
Delay, VDTC
Charge
3.7
4.0
4.4
V
Delay, VDTD
Discharge
3.1
3.5
3.9
V
Delay Hysteresis, VDH
200
500
1000
mV
Reset Delay Capacitor
10
20
40
µA
Charging Current, ICH
Reset Delay Capacitor
0.6
1.2
V
Discharge Voltage, VDIS
Package Lead Description
PACKAGE LEAD #
LEAD SYMBOL
FUNCTION
5 Lead TO-220
1VIN
Input voltage.
2
CMOS compatible output lead.
goes low whenever VOUT
falls out of regulation.
3
Gnd
Ground connection.
4
Delay
Timing capacitor for
function.
5VOUT
Regulated output voltage, 5V (typ).
RESET
RESET
RESET



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com