Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS403 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # CS403
Description  5V, 750mA Linear Regulator with RESET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS403 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  CS403 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS403 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS403 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS403 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS403 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS403 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
0
Output Current (mA), IOUT
1.2
1.0
0.8
0.6
0.4
0.2
0.0
100
200
300
400
500
T
A = -40ûC
T
A = 25ûC
-40
Junction Temperature (ûC), TJ
5.02
4.95
5.01
5.00
4.99
4.98
4.97
4.96
0
40
80
120
150
I
OUT = 250mA
3
Typical Performance Characteristics
10.0
0.0
0.0
V
IN
VO
IQ
1.5
2.5
3.5
4.5
5.5
2.0
4.0
6.0
8.0
0.0
6.0
10.0
14.0
18.0
22.0
Output Voltage vs. Junction Temperature
Dropout Voltage vs. Output Current Over Temperature
Output Voltage vs. VIN, IQ
RESET
(1) - No Delay Capacitor.
(2) - With Delay Capacitor.
(3) - Max. Reset Voltage (<1.0V)
(1)
(2)
(2)
VRT(ON)
VOUT
(3)
VRT(OFF)
VDH
VDTD
VDTC
Delay
VRL
VRH
VDIS
TDelay
Reset Circuit Waveform



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com