Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS403 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS403
Description  5V, 750mA Linear Regulator with RESET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS403 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS403 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS403 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS403 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS403 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS403 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS403 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The CS403 is a linear regulator spe-
cially designed as a post regulator.
The CS403 provides low noise, low
drift, and high accuracy to
improve the performance of a
switching power supply. It is ideal
for applications requiring a highly
efficient and accurate linear regu-
lator. The active RESET makes the
device particularly well suited to
supply microprocessor based sys-
tems. The PNP-NPN output stage
assures a low dropout voltage
without requiring excessive supply
current. Its features include low
dropout (1V typically) and low
supply drain (4mA typical with
IOUT = 500mA).
The CS403 design optimizes sup-
ply rejection by switching the
internal reference from the supply
input to the regulator output as
soon as the nominal output voltage
is reached.
1
Features
s
5V ±5% Output Voltage
s
Low Drift
s
High Efficiency
s
Short Circuit Protection
s
Active Delayed Reset
s
Noise Immunity on Reset
s
750mA Output Current
Package Options
5 Lead TO-220
Tab (Gnd)
1
5V, 750mA Linear Regulator
with RESET
CS403
Gnd
Delay
VIN
+
-
-
+
TO VOUT
REF
VOUT
Output
Current
Limit
Start
VCMP
Delay
Comparator
Low Voltage
INHIBIT
Comparator
Error Amp
ICHARGE
SCR
Latch
RESET
Block Diagram
Absolute Maximum Ratings
Forward Input Voltage ..................................................................................18V
Operating Junction Temperature, TJ..............................................-40 to 150ûC
Storage Temperature........................................................................-55 to 150ûC
Lead Temperature Soldering
Wave Solder (through hole styles only)..........10 sec. max, 260¡C peak
Description
1. VIN
2. RESET
3. Gnd
4. Delay
5. VOUT
Rev. 2/18/98
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com
A
Company
¨


Similar Part No. - CS403

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS400026 ETC-CS400026 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CS400060 ETC-CS400060 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CS400075 ETC-CS400075 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CS400090 ETC-CS400090 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CS400125 ETC-CS400125 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
More results

Similar Description - CS403

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4901A STMICROELECTRONICS-L4901A Datasheet
133Kb / 10P
DUAL 5V REGULATOR WITH RESET
Jun-2000
L4904A STMICROELECTRONICS-L4904A Datasheet
96Kb / 9P
DUAL 5V REGULATOR WITH RESET
Jun-2000
logo
Cherry Semiconductor Co...
CS5111 CHERRY-CS5111 Datasheet
188Kb / 10P
1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
Rev. 12/28/98
CS5112 CHERRY-CS5112 Datasheet
199Kb / 10P
1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
Rev. 4/22/99
CS8120 CHERRY-CS8120 Datasheet
198Kb / 8P
5V, 300mA Linear Regulator with and ENABLE RESET
Rev. 2/3/98
CS8121 CHERRY-CS8121 Datasheet
205Kb / 8P
5V, 1A Linear Regulator with and ENABLE RESET
Rev. 5/4/99
CS8122 CHERRY-CS8122 Datasheet
175Kb / 8P
2% 5V, 750mA Low Dropout Linear Regulator with Delayed RESET
Rev. 2/5/99
CS8126 CHERRY-CS8126 Datasheet
207Kb / 9P
5V, 750mA Low Dropout Linear Regulator with Delayed RESET
Rev. 5/4/99
CS8129 CHERRY-CS8129 Datasheet
188Kb / 8P
5V, 750mA Low Dropout Linear Regulator with Lower RESET Threshold
Rev. 3/31/99
CS8140 CHERRY-CS8140 Datasheet
214Kb / 12P
5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
Rev. 2/23/99
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com