Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS403 Datasheet(PDF) 4 Page - Cherry Semiconductor Corporation

Part # CS403
Description  5V, 750mA Linear Regulator with RESET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS403 Datasheet(HTML) 4 Page - Cherry Semiconductor Corporation

  CS403 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS403 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS403 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS403 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS403 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS403 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
The CS403
function is very precise, has hysteresis
on both the
and Delay comparators, a latching
Delay capacitor discharge circuit, and operates down to
1V.
The
circuit output is an open collector type with
ON and OFF parameters as specified. The
output
NPN transistor is controlled by the two circuits described
(see Block Diagram).
This circuit monitors output voltage, and when output
voltage is below the specified minimum, causes the
output transistor to be in the ON (saturation) state.
When the output voltage is above the specified level, this
circuit permits the
output transistor to go into the
OFF state if allowed by the reset Delay circuit.
This circuit provides a programmable (external capacitor)
delay on the
output lead. The Delay lead provides
source current to the external delay capacitor only when
the Low Voltage Inhibit circuit indicates that output volt-
age is above VRT(ON). Otherwise, the Delay lead sinks cur-
rent to ground (used to discharge the Delay capacitor).
The discharge current is latched ON when the output volt-
age is below VRT(OFF), or when the voltage on the Delay
capacitor is above VDIS. In other words, the Delay capaci-
tor is fully discharged any time the output voltage falls
out of regulation, even for a short period of time. This fea-
ture ensures a controlled
pulse is generated follow-
ing detection of an error condition. The circuit allows
the
output transistor to go to the OFF (open) state
only when the voltage on the Delay lead is higher than
VDIS.
RESET
RESET
RESET
Reset Delay Circuit
RESET
RESET
Low Voltage Inhibit Circuit
RESET
RESET
RESET
RESET
4
Application Notes
The output or compensation capacitor helps determine
three main characteristics of a linear regulator: start-up
delay, load transient response and loop stability.
The capacitor value and type should be based on cost,
availability, size and temperature constraints. A tantalum
or aluminum electrolytic capacitor is best, since a film or
ceramic capacitor with almost zero ESR, can cause insta-
bility. The aluminum electrolytic capacitor is the least
expensive solution, but, if the circuit operates at low tem-
peratures (-25¡C to -40¡C), both the value and ESR of the
capacitor will vary considerably. The capacitor manufac-
turers data sheet usually provides this information.
The value for the output capacitor COUT shown in the test
and applications circuit should work for most applica-
tions, however it is not necessarily the optimized solution.
To determine an acceptable value for COUT for a particular
application, start with a tantalum capacitor of the recom-
mended value and work towards a less expensive alterna-
tive part.
Step 1:
Place the completed circuit with a tantalum capac-
itor of the recommended value in an environmental cham-
ber at the lowest specified operating temperature and
monitor the outputs with an oscilloscope. A decade box
connected in series with the capacitor will simulate the
higher ESR of an aluminum capacitor. Leave the decade
box outside the chamber, the small resistance added by
Stability Considerations
Test Circuit
C1*
100nF
VIN
Gnd
Delay
VOUT
CS403
C2**
COUT =10mF to
100
mF
100nF
Cd
RESET
C1* is required if the regulator is far from the power source filter.
C2** is required for stability
Circuit Description



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com