Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED807PF Datasheet(PDF) 17 Page - STMicroelectronics

Part # HVLED807PF
Description  Offline LED driver with primary-sensing and high power factor up to 7 W
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED807PF Datasheet(HTML) 17 Page - STMicroelectronics

Back Button HVLED807PF Datasheet HTML 13Page - STMicroelectronics HVLED807PF Datasheet HTML 14Page - STMicroelectronics HVLED807PF Datasheet HTML 15Page - STMicroelectronics HVLED807PF Datasheet HTML 16Page - STMicroelectronics HVLED807PF Datasheet HTML 17Page - STMicroelectronics HVLED807PF Datasheet HTML 18Page - STMicroelectronics HVLED807PF Datasheet HTML 19Page - STMicroelectronics HVLED807PF Datasheet HTML 20Page - STMicroelectronics HVLED807PF Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
HVLED807PF
Device description
Doc ID 023464 Rev 5
17/36
4.3
High voltage startup generator
Figure 12 shows the internal schematic of the high-voltage start-up generator (HV
generator). It includes an 800 V-rated N-channel MOSFET, whose gate is biased through
the series of a 12 M
Ω resistor and a 14 V Zener diode, with a controlled, temperature
compensated current generator connected to its source.
The HV generator input is in common with the DRAIN pins, while its output is the supply pin
of the device (VCC pin). A mains "UVLO" circuit (separated from the UVLO of the device
that sense VCC) keeps the HV generator off if the drain voltage is below VSTART (50 V
typical value).
Figure 12.
High-voltage start-up generator: internal schematic
With reference to the timing diagram of
Figure 13, when power is applied to the circuit and
the voltage on the input bulk capacitor is high enough, the HV generator is sufficiently
biased to start operating, thus it will draw about 5.5 mA (typical) to the VCC capacitor.
Most of this current will charge the bypass capacitor connected between the VCC pin and
ground and make its voltage rise linearly. As soon as the VCC pin voltage reaches the
VCC_ON turn on threshold (13 V typ) the chip starts operating, the internal power MOSFET is
enabled to switch and the HV generator is cut off by the Vcc_OK signal asserted high. The
IC is powered by the energy stored in the VCC capacitor.
The chip is able to power itself directly from the rectified mains: when the voltage on the
VCC pin falls below VCC_RESTART (10.5 V typ.), during each MOSFET's off-time the HV
current generator is turned on and charges the supply capacitor until it reaches the VCC_ON
threshold.
In this way, the self-supply circuit develops a voltage high enough to sustain the operation of
the device. This feature is useful especially during constant current (CC) regulation, when
the flyback voltage generated by the auxiliary winding alone may not be able to keep VCC
pin above VCC_RESTART.
AM13562v1
VCC
Icharge
CONTROL
Mains UVLO
IHV
DRAIN
12M
HV_EN
Vcc_OK
14V
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com