Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED807PF Datasheet(PDF) 22 Page - STMicroelectronics

Part # HVLED807PF
Description  Offline LED driver with primary-sensing and high power factor up to 7 W
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED807PF Datasheet(HTML) 22 Page - STMicroelectronics

Back Button HVLED807PF Datasheet HTML 18Page - STMicroelectronics HVLED807PF Datasheet HTML 19Page - STMicroelectronics HVLED807PF Datasheet HTML 20Page - STMicroelectronics HVLED807PF Datasheet HTML 21Page - STMicroelectronics HVLED807PF Datasheet HTML 22Page - STMicroelectronics HVLED807PF Datasheet HTML 23Page - STMicroelectronics HVLED807PF Datasheet HTML 24Page - STMicroelectronics HVLED807PF Datasheet HTML 25Page - STMicroelectronics HVLED807PF Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
Device description
HVLED807PF
22/36
Doc ID 023464 Rev 5
Equation 6
This formula shows that the average output current IOUT does not depend anymore on the
input voltage VIN or the output voltage VOUT, neither on transformer inductance values. The
external parameters defining the output current are the transformer ratio n and the sense
resistor RSENSE.
The previous formula (Equation
6) is valid for both standard and high power factor
implementation.
4.6
Constant voltage operation
The IC is specifically designed to work in primary regulation and the output voltage is
sensed through a voltage partition of the auxiliary winding, just before the auxiliary rectifier
diode.
Figure 18 shows the internal schematic of the constant voltage mode and the external
connections.
Due to the parasitic wires resistance, the auxiliary voltage is representative of the output just
when the secondary current becomes zero. For this purpose, the signal on DMG pin is
sampled-and-held at the end of transformer's demagnetization to get an accurate image of
the output voltage and it is compared with the error amplifier internal reference voltage VREF
(2.51 V typ - see
Table 5: Electrical characteristics).
During the MOSFET's OFF-time the leakage inductance resonates with the drain
capacitance and a damped oscillation is superimposed on the reflected voltage. The S/H
logic is able to discriminate such oscillations from the real transformer's demagnetization.
When the DMG logic detects the transformer's demagnetization, the sampling process
stops, the information is frozen and compared with the error amplifier internal reference.
The internal error amplifier is a transconductance type and delivers an output current
proportional to the voltage unbalance of the two outputs: the output generates the control
voltage that is compared with the voltage across the sense resistor, thus modulating the
cycle-by-cycle peak drain current.
The COMP pin is used for the frequency compensation: usually, an RC network, which
stabilizes the overall voltage control loop, is connected between this pin and ground.
As a result, the output voltage VOUT at zero-load (i.e. no led on the led driver output) can be
selected trough the RFB resistor in according to the following formula:
Equation 7
Where NAUX and NSEC are the auxiliary and secondary turn's number respectively.
The RDMG resistor value can be defined depending on the application parameters (see
Section 4.7: Voltage feed-forward block ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com