Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED807PF Datasheet(PDF) 35 Page - STMicroelectronics

Part # HVLED807PF
Description  Offline LED driver with primary-sensing and high power factor up to 7 W
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED807PF Datasheet(HTML) 35 Page - STMicroelectronics

Back Button HVLED807PF Datasheet HTML 28Page - STMicroelectronics HVLED807PF Datasheet HTML 29Page - STMicroelectronics HVLED807PF Datasheet HTML 30Page - STMicroelectronics HVLED807PF Datasheet HTML 31Page - STMicroelectronics HVLED807PF Datasheet HTML 32Page - STMicroelectronics HVLED807PF Datasheet HTML 33Page - STMicroelectronics HVLED807PF Datasheet HTML 34Page - STMicroelectronics HVLED807PF Datasheet HTML 35Page - STMicroelectronics HVLED807PF Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
HVLED807PF
Revision history
Doc ID 023464 Rev 5
35/36
6
Revision history
Table 6.
Document revision history
Date
Revision
Changes
26-Jul-2012
1
Initial release.
29-Aug-2012
2
Added
Table 2: Pin description on page 7.
23-Oct-2012
3
Modified TJ value onTable 3: Thermal data.
Updated TJ value in note 2 (below Table 5: Electrical characteristics).
Minor text changes.
27-Nov-2012
4
Updated RDS(on) value on Table 5: Electrical characteristics.
01-Feb-2013
5
Added sections from
4.1 to 4.12.
Modified
Figure 1: Application circuit for high power factor LED driver
- single range input and Figure 2: Application circuit for standard LED
driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com