Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED807PFTR Datasheet(PDF) 11 Page - STMicroelectronics

Part # HVLED807PFTR
Description  Offline LED driver with primary-sensing and high power factor up to 7 W
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED807PFTR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button HVLED807PFTR Datasheet HTML 7Page - STMicroelectronics HVLED807PFTR Datasheet HTML 8Page - STMicroelectronics HVLED807PFTR Datasheet HTML 9Page - STMicroelectronics HVLED807PFTR Datasheet HTML 10Page - STMicroelectronics HVLED807PFTR Datasheet HTML 11Page - STMicroelectronics HVLED807PFTR Datasheet HTML 12Page - STMicroelectronics HVLED807PFTR Datasheet HTML 13Page - STMicroelectronics HVLED807PFTR Datasheet HTML 14Page - STMicroelectronics HVLED807PFTR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
HVLED807PF
Electrical specifications
Doc ID 023464 Rev 5
11/36
Supply voltage
VCC
Operating range
After turn-on
11.5
23
VCC_ON
Turn-on threshold
(4)
12
13
14
V
VCC_OFF
Turn-off threshold
(4)
910
11
V
VZ
Internal Zener voltage
Icc = 20 mA
23
25
27
V
Supply current
ICC_START-UP Startup current
See
Figure 7
200
300
µA
Iq
Quiescent current
See
Figure 8
11.4
mA
ICC
Operating supply current
at 50 kHz
See
Figure 9
1.4
1.7
mA
Iq(fault)
Fault quiescent current
See
Figure 10
250
350
µA
Startup timer
TSTART
Start timer period
105
140
175
µs
TRESTART
Restart timer period
during burst mode
420
500
700
µs
Demagnetization detector
IDmgb
Input bias current
VDMG = 0.1 to 3 V
0.1
1
µA
VDMGH
Upper clamp voltage
IDMG = 1 mA
3.0
3.3
3.6
V
VDMGL
Lower clamp voltage
IDMG = - 1 mA
-90
-60
-30
mV
VDMGA
Arming voltage
Positive-going edge
100
110
120
mV
VDMGT
Triggering voltage
Negative-going edge
50
60
70
mV
TBLANK
Trigger blanking time after
MOSFET turn-off
VCOMP ≥ 1.3 V
6
µs
VCOMP = 0.9 V
30
Line feedforward
RFF
Equivalent feedforward
resistor
IDMG = 1 mA
45
Ω
Transconductance error amplifier
VREF
Voltage reference
Tj = 25 °C
2.45
2.51
2.57
V
(3) Tj = -25 to 125 °C and
VCC = 12 V to 23 V
2.4
2.6
gm
Transconductance
ΔICOMP = ± 10 µA
VCOMP = 1.65 V
1.3
2.2
3.2
ms
Gv
Voltage gain
(5) Open loop
73
dB
GB
Gain-bandwidth product
(5)
500
KHz
ICOMP
Source current
VDMG = 2.3 V,
VCOMP = 1.65 V
70
100
µA
Sink current
VDMG = 2.7 V,
VCOMP = 1.65 V
400
750
µA
Table 5.
Electrical characteristics(1) (2) (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com