Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED807PFTR Datasheet(PDF) 26 Page - STMicroelectronics

Part # HVLED807PFTR
Description  Offline LED driver with primary-sensing and high power factor up to 7 W
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED807PFTR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button HVLED807PFTR Datasheet HTML 22Page - STMicroelectronics HVLED807PFTR Datasheet HTML 23Page - STMicroelectronics HVLED807PFTR Datasheet HTML 24Page - STMicroelectronics HVLED807PFTR Datasheet HTML 25Page - STMicroelectronics HVLED807PFTR Datasheet HTML 26Page - STMicroelectronics HVLED807PFTR Datasheet HTML 27Page - STMicroelectronics HVLED807PFTR Datasheet HTML 28Page - STMicroelectronics HVLED807PFTR Datasheet HTML 29Page - STMicroelectronics HVLED807PFTR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
Device description
HVLED807PF
26/36
Doc ID 023464 Rev 5
Figure 20.
Load-dependent operating modes: timing diagrams
4.9
Soft-start and starter block
The soft start feature is automatically implemented by the constant current block, as the
primary peak current will be limited from the voltage on the CLED capacitor.
During start-up, as the output voltage is zero, the IC will start in constant current (CC) mode
with no high peak current operations. In this way the voltage on the output capacitor will
increase slowly and the soft-start feature will be ensured.
Actually the CLED value is not important to define the soft-start time, as its duration depends
on others circuit parameters, like transformer ratio, sense resistor, output capacitors and
load. The user will define the best appropriate value by experiments.
4.10
Hiccup mode OCP
The device is also protected against short-circuit of the secondary rectifier, short-circuit on
the secondary winding or a hard-saturated flyback transformer. An internal comparator
monitors continuously the voltage on CS pin and activates a protection circuitry if this
voltage exceeds an internally fixed threshold VCSdis (1 V typ. - see
Table 5: Electrical
characteristics).
To distinguish an actual malfunction from a disturbance (e.g. induced during ESD tests), the
first time the comparator is tripped the protection circuit enters a "warning state". If in the
subsequent switching cycle the comparator is not tripped, a temporary disturbance is
assumed and the protection logic will be reset in its idle state; if the comparator will be
tripped again a real malfunction is assumed and the device will be stopped.
This condition is latched as long as the device is supplied. While it is disabled, however, no
energy is coming from the self-supply circuit; hence the voltage on the VCC capacitor will
decay and cross the UVLO threshold after some time, which clears the latch. The internal
start-up generator is still off, then the VCC voltage still needs to go below its restart voltage
before the VCC capacitor is charged again and the device restarted.
AM13570v1
IDS
VCOMPL
COMP
t
t
50 mV hysteresis (Hys)
Burst-mode
Normal-mode
Normal-mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com