Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED807PFTR Datasheet(PDF) 25 Page - STMicroelectronics

Part # HVLED807PFTR
Description  Offline LED driver with primary-sensing and high power factor up to 7 W
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED807PFTR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button HVLED807PFTR Datasheet HTML 21Page - STMicroelectronics HVLED807PFTR Datasheet HTML 22Page - STMicroelectronics HVLED807PFTR Datasheet HTML 23Page - STMicroelectronics HVLED807PFTR Datasheet HTML 24Page - STMicroelectronics HVLED807PFTR Datasheet HTML 25Page - STMicroelectronics HVLED807PFTR Datasheet HTML 26Page - STMicroelectronics HVLED807PFTR Datasheet HTML 27Page - STMicroelectronics HVLED807PFTR Datasheet HTML 28Page - STMicroelectronics HVLED807PFTR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
HVLED807PF
Device description
Doc ID 023464 Rev 5
25/36
Equation 13
Finally, the Rdmg resistor can be calculated as follows:
Equation 14
In this case the peak drain current does not depend on input voltage anymore, and as a
consequence the average output current IOUT do not depend from the VIN input voltage.
When high power factor is implemented (see
Section 4.11), the feed-forward current has to
be minimized because the line regulation is assured by the external offset circuitry (see
Figure 1: Application circuit for high power factor LED driver - single range input).
The maximum value is limited by the minimum Idmg internal current needed to guarantee
the correct functionality of the internal circuitry:
Equation 15
4.8
Burst-mode operation at no load or very light load
When the voltage at the COMP pin falls 65 mV is below the internally fixed threshold
VCOMPBM, the IC is disabled with the MOSFET kept in OFF state and its consumption
reduced at a lower value to minimize VCC capacitor discharge.
In this condition the converter operates in burst-mode (one pulse train every TSTART=500
µs), with minimum energy transfer.
As a result of the energy delivery stop, the output voltage decreases: after 500 µs the
controller switches-on the MOSFET again and the sampled voltage on the DMG pin is
compared with the internal reference VREF. If the voltage on the EA output, as a result of the
comparison, exceeds the VCOMPL threshold, the device restarts switching, otherwise it
stays OFF for another 500 µs period.
In this way the converter will work in burst-mode with a nearly constant peak current defined
by the internal disable level. A load decrease will then cause a frequency reduction, which
can go down even to few hundred hertz, thus minimizing all frequency-related losses and
making it easier to comply with energy saving regulations. This kind of operation, shown in
the timing diagrams of
Figure 20 along with the others previously described, is noise-free
since the peak current is low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com