Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED807PFTR Datasheet(PDF) 21 Page - STMicroelectronics

Part # HVLED807PFTR
Description  Offline LED driver with primary-sensing and high power factor up to 7 W
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED807PFTR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button HVLED807PFTR Datasheet HTML 17Page - STMicroelectronics HVLED807PFTR Datasheet HTML 18Page - STMicroelectronics HVLED807PFTR Datasheet HTML 19Page - STMicroelectronics HVLED807PFTR Datasheet HTML 20Page - STMicroelectronics HVLED807PFTR Datasheet HTML 21Page - STMicroelectronics HVLED807PFTR Datasheet HTML 22Page - STMicroelectronics HVLED807PFTR Datasheet HTML 23Page - STMicroelectronics HVLED807PFTR Datasheet HTML 24Page - STMicroelectronics HVLED807PFTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
HVLED807PF
Device description
Doc ID 023464 Rev 5
21/36
The capacitor CLED has to be chosen so that its voltage VILED can be considered as a
constant. Since it is charged and discharged by currents in the range of some ten µA
(IREF=20 µA typ.) at the switching frequency rate, a capacitance value in the range 4.7-10
nF is suited for switching frequencies in the ten kHz. When high power factor schematic is
implemented, a higher capacitor value should be used (i.e. 1 µF-10 µF).
The average output current IOUT can be expressed as:
Equation 1
Where ISEC is the secondary peak current, TONSEC is the conduction time of the secondary
side and T is the switching period.
Taking into account the transformer ratio N between primary and secondary side, ISEC can
also be expressed as a function of the primary peak current IPRIM:
Equation 2
As in steady state the average current ICLED:
Equation 3
Which can be solved for VILED:
Equation 4
where VCLED=R* IREF and it is internally defined (0.2 V typical - see Table 5: Electrical
characteristics).
The VILED pin voltage is internally compared with the CS pin voltage (constant current
comparator):
Equation 5
Combining (1), (2) (4) and (5) the average output current results:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com