Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5156 Datasheet(PDF) 12 Page - Cherry Semiconductor Corporation

Part # CS5156
Description  CPU 5-Bit Nonsynchronous Buck Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5156 Datasheet(HTML) 12 Page - Cherry Semiconductor Corporation

Back Button CS5156 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5156 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5156 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5156 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5156 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS5156 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS5156 Datasheet HTML 12Page - Cherry Semiconductor Corporation CS5156 Datasheet HTML 13Page - Cherry Semiconductor Corporation CS5156 Datasheet HTML 14Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Applications Information: continued
12
area can be used to improve the power handling capability
of surface mount components.
EMI Management
As a consequence of large currents being turned on and off
at high frequency, switching regulators generate noise as a
consequence of their normal operation. When designing for
compliance with EMI/EMC regulations, additional com-
ponents may be added to reduce noise emissions. These
components are not required for regulator operation and
experimental results may allow them to be eliminated. The
input filter inductor may not be required because bulk filter
and bypass capacitors, as well as other loads located on the
board will tend to reduce regulator di/dt effects on the cir-
cuit board and input power supply. Placement of the
power component to minimize routing distance will also
help to reduce emissions.
Figure 16: Filter components
Figure 17: Input Filter
Layout Guidelines
1. Place 12V filter capacitor next to the IC and connect
capacitor ground to pin 11 (PGnd).
2. Connect pin 11 (PGnd) with a separate trace to the
ground terminals of the 5V input capacitors.
3. Place fast feedback filter capacitor next to pin 8 (VFFB)
and connect its ground terminal with a separate, wide trace
directly to pin 14 (LGnd).
4. Connect the ground terminals of the Compensation
capacitor directly to the ground of the fast feedback filter
capacitor to prevent common mode noise from effecting
the PWM comparator.
5. Place the output filter capacitor(s) as close to the load as
possible and connect the ground terminal to pin 14 (LGnd).
6. To implement adaptive voltage positioning, connect
both slow and fast feedback pins 16 (VFB) and 8 (VFFB) to
the regulator output right at the inductor terminal. Connect
inductor to the output capacitors via a trace with the fol-
lowing resistance:
RTRACE =
This causes the output voltage to be +40mV with no load,
and -40mV with a full load, improving regulator transient
response. This trace must be wide enough to carry the full
output current. (Typical trace is 1.0 inch long, 0.17 inch
wide). Care should be taken to minimize any additional
losses after the feedback connection point to maximize reg-
ulation.
7. If DC regulation is to be optimized (at the expense of
degraded transient regulation), adaptive voltage position-
ing can be disabled by connecting to VFB pin directly to the
load with a separate trace (remote sense).
8. Place 5V input capacitors close to the switching MOS-
FET.
Route gate drive signal VGATE (pin 10) with a trace that is a
minimum of 0.025 inches wide.
Figure 18: Layout Guidelines
15
To the negative terminal of the
input capacitors
100pF
VFFB
11
8
OFF TIME
5
SOFTSTART
VCC
0.1µF
To the negative terminal of the output capacitors
1.0µF
VCOMP
80mV
IMAX
+
2µH
1200µF x 3/16V
33Ω
1000pF
2µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com