Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5156 Datasheet(PDF) 5 Page - Cherry Semiconductor Corporation

Part # CS5156
Description  CPU 5-Bit Nonsynchronous Buck Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5156 Datasheet(HTML) 5 Page - Cherry Semiconductor Corporation

  CS5156 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5156 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5156 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5156 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5156 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5156 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5156 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5156 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5156 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
Block Diagram
Q
VID1
VCC1
SS
COMP
VFB
VID0
LGnd
VFFB
VCC2
VGATE
PGnd
VID2
VID3
-
+
5 BIT
DAC
COFF
Slow Feedback
Maximum
On-Time
Timeout
R
Q
S
COFF
One Shot
PWM
COMP
SS High
Comparator
FAULT
Latch
2.5V
Error
Amplifier
Fast Feedback
-
+
VCC1 Monitor
Comparator
VID4
-
+
-
+
-
+
-
+
VFFB Low
Comparator
PWM
Comparator
SS Low
Comparator
R
Q
S
Q
R
Q
S
2µA
5V
60µA
Normal
Off-Time
Timeout
Extended
Off-Time
Timeout
Time Out
Timer
(30µs)
Edge Triggered
Off-Time
Timeout
3.90V
3.85V
FAULT
FAULT
GATE = ON
GATE = OFF
PWM
Latch
1V
0.7V
Package Pin Description: continued
PACKAGE PIN #
PIN SYMBOL
FUNCTION
16L SO Narrow & PDIP
11
PGnd
High current ground for the IC. The MOSFET driver is referenced to
this pin. Input capacitor ground and the anode of the Schottky diode
should be tied to this pin.
12
NC
No connection.
13
VCC1
Input power for the IC.
14
LGnd
Signal ground for the IC. All control circuits are referenced to this pin.
15
COMP
Error amplifier compensation pin. A capacitor to ground should be
provided externally to compensate the amplifier.
16
VFB
Error amplifier DC feedback input. This is the master voltage feedback
which sets the output voltage. This pin can be connected directly to the
output or a remote sense trace.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com