Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5156 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS5156
Description  CPU 5-Bit Nonsynchronous Buck Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5156 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS5156 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5156 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5156 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5156 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5156 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5156 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5156 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5156 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5156 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
The CS5156 is a 5-bit nonsyn-
chronous N-Channel buck con-
troller. It is designed to provide
unprecedented transient response
for today’s demanding high-densi-
ty, high-speed logic. The regulator
operates using a proprietary control
method, which allows a 100ns
response time to load transients.
The CS5156 is designed to operate
over a 4.25-16V range (VCC) using
12V to power the IC and 5V as the
main supply for conversion.
The CS5156 is specifically designed
to power Pentium® II processors
and other high performance core
logic. It includes the following fea-
tures: on board, 5-bit DAC, short
circuit protection, 1.0% output tol-
erance, VCC monitor, and pro-
grammable soft start capability. The
CS5156 is backwards compatible
with the 4-bit CS5151, allowing the
mother board designer the capabili-
ty of using either the CS5151 or the
CS5156 with no change in layout.
The CS5156 is available in 16 pin
surface mount and DIP packages.
Features
s
N-Channel Design
s
Excess of 1MHz Operation
s
100ns Transient Response
s
5-Bit DAC
s
Backward Compatible with
4-Bit CS5150/5151 and
Adjustable CS5120/5121
s
30ns Gate Rise/Fall Times
s
1% DAC Accuracy
s
5V & 12V Operation
s
Remote Sense
s
Programmable Soft Start
s
Lossless Short Circuit
Protection
s
VCC Monitor
s
Adaptive Voltage
Positioning
s
V2™ Control Topology
s
Current Sharing
s
Overvoltage Protection
Package Options
CPU 5-Bit Nonsynchronous Buck Controller
CS5156
Description
Application Diagram
1
VID0
VID1
VID2
VID3
SS
VID4
COFF
VFFB
VFB
COMP
LGnd
VCC1
NC
PGnd
VGATE
VCC2
16 Lead SO Narrow & PDIP
1
Switching Power Supply for core logic - Pentium® II processor
0.33µF
VID0
VID1
VID2
VID3
VID0
VID1
VID2
VID3
VCC1
SS
COFF
LGnd
VFB
VFFB
COMP
IRL3103
0.1µF
12V
5V
2µH
1.3V to 3.5V @ 13A
VCC2
VGATE
PGnd
1200µF/16V x 3
AlEl
3.3k
0.1µF
1200µF/16V x 5
AlEl
100pF
330pF
VID4
VID4
CS5156
MBR1535CT
2
1,3
V2 is a trademark of Switch Power, Inc.
Pentium is a registered trademark of Intel Corporation.
Rev. 1/5/99
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com
A
Company
®


Similar Part No. - CS5156

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5156 ONSEMI-CS5156 Datasheet
576Kb / 17P
CPU 5?묪it Nonsynchronous Buck Controller
July, 2006 ??Rev. 11
CS5156GD16 ONSEMI-CS5156GD16 Datasheet
576Kb / 17P
CPU 5?묪it Nonsynchronous Buck Controller
July, 2006 ??Rev. 11
CS5156GDR16 ONSEMI-CS5156GDR16 Datasheet
576Kb / 17P
CPU 5?묪it Nonsynchronous Buck Controller
July, 2006 ??Rev. 11
CS5156GN16 ONSEMI-CS5156GN16 Datasheet
576Kb / 17P
CPU 5?묪it Nonsynchronous Buck Controller
July, 2006 ??Rev. 11
More results

Similar Description - CS5156

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5151 CHERRY-CS5151 Datasheet
307Kb / 14P
CPU 4-Bit Nonsynchronous Buck Controller
Rev. 1/5/99
CS5155 CHERRY-CS5155 Datasheet
279Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 1/22/99
CS5155H CHERRY-CS5155H Datasheet
238Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 1/21/99
CS5157 CHERRY-CS5157 Datasheet
316Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 12/31/98
CS5157H CHERRY-CS5157H Datasheet
236Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 1/27/99
CS5158 CHERRY-CS5158 Datasheet
231Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 2/16/99
logo
ON Semiconductor
CS5151 ONSEMI-CS5151 Datasheet
572Kb / 17P
CPU 4?묪it Nonsynchronous Buck Controller
July, 2006 ??Rev. 4
CS5156 ONSEMI-CS5156 Datasheet
576Kb / 17P
CPU 5?묪it Nonsynchronous Buck Controller
July, 2006 ??Rev. 11
CS5157H ONSEMI-CS5157H Datasheet
432Kb / 16P
CPU 5?묪it Synchronous Buck Controller
October, 2005 ??Rev. 7
CS5151H ONSEMI-CS5151H Datasheet
560Kb / 16P
CPU 4?묪it Nonsynchronous Buck Controller
July, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com