Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5156 Datasheet(PDF) 4 Page - Cherry Semiconductor Corporation

Part # CS5156
Description  CPU 5-Bit Nonsynchronous Buck Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5156 Datasheet(HTML) 4 Page - Cherry Semiconductor Corporation

  CS5156 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5156 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5156 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5156 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5156 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5156 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5156 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5156 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5156 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
4
Package Pin Description
PACKAGE PIN #
PIN SYMBOL
FUNCTION
Electrical Characteristics: 0°C < TA < +70°C; 0°C < TJ < +85°C; 8V < VCC1 < 14V; 5V < VCC2 < 14V; DAC Code: VID4 = VID2 = VID1
= VID0 = 1; VID3 = 0; CVGATE = 1nF; COFF = 330pF; CSS = 0.1µF, unless otherwise specified.
s
Supply Current
ICC1
No Switching
8.5
13.5
mA
ICC2
No Switching
1.6
3.0
mA
Operating ICC1
VFB = COMP = VFFB
813
mA
Operating ICC2
VFB = COMP = VFFB
25
mA
s
COFF
Normal Charge Time
VFFB = 1.5V; VSS = 5V
1.0
1.6
2.2
µs
Extension Charge Time
VSS = VFFB = 0
5.0
8.0
11.0
µs
Discharge Current
COFF to 5V; VFB >1V
5.0
mA
s
Time Out Timer
Time Out Time
VFB = VCOMP; VFFB = 2V;
10
30
50
µs
Record VGATE Pulse High Duration
Fault Mode Duty Cycle
VFFB = 0V
35
50
65
%
Note 1: Guaranteed by design, not 100% tested in production.
16L SO Narrow & PDIP
1,2,3,4,6
VID0 – VID4
Voltage ID DAC input pins. These pins are internally pulled up to 5V
providing logic ones if left open. VID4 selects the DAC range. When VID4
is High (logic one), the DAC range is 2.14V to 3.54V with 100mV incre-
ments. When VID4 is Low (logic zero), the DAC range is 1.34V to 2.09V
with 50mV increments. VID0 - VID4 select the desired DAC output volt-
age. Leaving all 5 DAC input pins open results in a DAC output voltage
of 1.244V, allowing for adjustable output voltage, using a traditional
resistor divider.
5
SS
Soft Start Pin. A capacitor from this pin to LGnd in conjunction with
internal 60µA current source provides soft start function for the con-
troller. This pin disables fault detect function during Soft Start. When a
fault is detected, the soft start capacitor is slowly discharged by internal
2µA current source setting the time out before trying to restart the IC.
Charge/discharge current ratio of 30 sets the duty cycle for the IC when
the regulator output is shorted.
7COFF
A capacitor from this pin to ground sets the time duration for the on
board one shot, which is used for the constant off time architecture.
8VFFB
Fast feedback connection to the PWM comparator. This pin is connected
to the regulator output. The inner feedback loop terminates on time.
9VCC2
Boosted power for the gate driver.
10
VGATE
MOSFET driver pin capable of 1.5A peak switching current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com