Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5253-1GDPR5 Datasheet(PDF) 6 Page - Cherry Semiconductor Corporation

Part # CS5253-1GDPR5
Description  3A LDO 5-Pin Adjustable Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5253-1GDPR5 Datasheet(HTML) 6 Page - Cherry Semiconductor Corporation

  CS5253-1GDPR5 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 9Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Typical Performance Characteristics: Continued
0
5
10
15
20
25
30
0
20
40
60
80
100
120
140
Junction Temperature (C)
VPOWER = 6V
VOUT = 0V
VCONTROL not connected
VPOWER Only Output Current vs Junction Temperature
The CS5253-1 linear regulator provides adjustable voltages
from 1.26V to 5V at currents up to 3A. The regulator is pro-
tected against short circuits, and includes a thermal shut-
down circuit with hysteresis. The output, which is current
limited, consists of a PNP-NPN transistor pair and requires
an output capacitor for stability. A detailed procedure for
selecting this capacitor is included in the Stability
Considerations section.
VPOWER Function
The CS5253-1 utilizes a two supply approach to maximize
efficiency. The collector of the power device is brought out
to the VPOWER pin to minimize internal power dissipation
under high current loads. VCONTROL provides for the con-
trol circuitry and the drive for the output NPN transistor.
VCONTROL should be at least 1V greater than the output
voltage. Special care has been taken to ensure that there are
no supply sequencing problems. The output voltage will
not turn on until both supplies are operating. If the control
voltage comes up first, the output current will be limited to
about three milliamperes until the power input voltage
comes up. If the power input voltage comes up first, the
output will not turn on at all until the control voltage
comes up. The output can never come up unregulated.
The CS5253-1 can also be used as a single supply device
with the control and power inputs tied together. In this
mode, the dropout will be determined by the minimum
control voltage.
Output Voltage Sensing
The CS5253-1 five terminal linear regulator includes a ded-
icated VSENSE function. This allows for true Kelvin sensing
of the output voltage. This feature can virtually eliminate
errors in the output voltage due to load regulation.
Regulation will be optimized at the point where the sense
pin is tied to the output.
Adjustable Operation
This LDO adjustable regulator has an output voltage range
of 1.26V to 5V. An external resistor divider sets the output
voltage as shown in Figure 1. The regulatorÕs voltage sens-
ing error amplifier maintains a fixed 1.260V reference
between the output pin and the adjust pin.
A resistor divider network R1 and R2 causes a fixed current
to flow to ground. This current creates a voltage across R2
that adds to the 1.260V across R1 and sets the overall out-
put voltage. The adjust pin current (typically 50µA) also
flows through R2 and adds a small error that should be
taken into account if precise adjustment of VOUT is neces-
sary. The output voltage is set according to the formula:
VOUT = 1.260V ´
+ R2 ´ IADJ
The term IADJ ´ R2 represents the error added by the adjust
pin current. R1 is chosen so that the minimum load current
is at least 10mA. R1 and R2 should be of the same composi-
tion for best tracking over temperature. The divider resis-
tors should be placed physically as close to the load as pos-
sible.
Figure 1: Typical application schematic. The resistor divider sets VOUT,
with the internal 1.260V reference dropped across R1.
V
SENSE
V
OUT
V
CONTROL
V
POWER
CS5253-1
R1
Adjust
R2
5V
3.3V
2.5V
@3A
R1+R2
R1
Design Guidelines
Theory of Operation
40
0
20
40
60
80
100
120
140
Junction Temperature (C)
35
30
25
20
15
10
5
0
IOUT = 3A
IOUT = 1A
IOUT = 100mA
VPOWER = 2.05V
VCONTROL = 2.75V
VCONTROL Supply Current vs Junction Temperature



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com